Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • RPR-10-R

  • AI
    The **RPR-10-R** is a specific type of high-performance **Reflective Photosensor** (often categorized as a Photoreflector). It is commonly used in industrial automation and consumer electronics for object detection and position sensing. --- ## 1. Internal Components The RPR-10-R is a composite electronic part containing two primary semiconductors housed in a single package: | Component | Type | Function | | :--- | :--- | :--- | | **Emitter** | Infrared LED (GaAs) | Emits invisible infrared light at a specific wavelength. | | **Detector** | Phototransistor (Si) | Detects the IR light reflected back from a surface. | --- ## 2. Technical Specifications Below are the key electrical and optical characteristics typical for the RPR-10-R series: ### Absolute Maximum Ratings (at 25°C) | Parameter | Symbol | Rating | | :--- | :--- | :--- | | Forward Current (Emitter) | $I_F$ | 50 mA | | Reverse Voltage (Emitter) | $V_R$ | 5 V | | Collector-Emitter Voltage | $V_{CEO}$ | 30 V | | Collector Current | $I_C$ | 30 mA | | Operating Temperature | $T_{opr}$ | -25°C to +85°C | ### Electro-optical Characteristics * **Peak Wavelength:** Typically 950 nm (Infrared). * **Optimal Detection Distance:** Roughly 1.0mm to 5.0mm. * **Output Type:** Analog (Current increases as reflection strengthens). --- ## 3. Working Principle The device operates on the principle of **light reflection**: 1. **Emission:** The IR LED continuously (or via pulses) emits light toward a target area. 2. **Reflection:** If an object is present within the detection range, the IR light bounces off the object’s surface. 3. **Detection:** The Phototransistor receives the reflected light. The amount of light received determines the "Collector Current" ($I_C$). 4. **Signal Processing:** High reflection (white/shiny surfaces) results in high current; low reflection (black/matte surfaces or no object) results in low current. --- ## 4. Typical Application Circuit To use the RPR-10-R with a microcontroller (like an Arduino), a basic voltage divider circuit is required: ```cpp // Logic Representation VCC (5V) --- [Resistor 220Ω] --- (Anode: Emitter) GND ----------------------- (Cathode: Emitter) VCC (5V) --- [Resistor 10kΩ] --- (Collector: Detector) --- [Analog Input Pin] GND ----------------------- (Emitter: Detector) ``` --- ## 5. Key Features & Advantages * **Compact Size:** Integrated design saves PCB space. * **Built-in Filter:** Usually features a daylight filter to reduce interference from ambient visible light. * **Non-Contact:** Detects objects without physical wear and tear.
    ✨ Follow-up Questions
    • ⤷ What is the ideal distance for maximum sensitivity in the RPR-10-R?
    • ⤷ How does surface color affect the output signal of this sensor?
    • ⤷ What is the recommended value for the current-limiting resistor for the IR LED?