Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • RPS9HC-R680E

  • AI
    The **RPS9HC-R680E** is a high-performance, shielded power inductor part of the RPS9HC series. These components are specifically designed for high-current applications where thermal stability and low core losses are critical. --- ### 1. Key Technical Specifications The part number "R680E" identifies the specific inductance value and tolerance for this component. | Parameter | Specification | | :--- | :--- | | **Inductance** | 0.68 µH (indicated by "R68" in the part number) | | **Inductance Tolerance** | ±20% (Standard for this series) | | **Component Type** | Shielded Surface Mount (SMD) Power Inductor | | **Core Material** | Composite Magnetic Powder (typically Carbonyl Iron) | | **Operating Temperature** | -40°C to +125°C (including self-heating) | --- ### 2. Physical and Material Characteristics The construction of the RPS9HC series involves a "molded" process, which provides several benefits over traditional wire-wound inductors: * **Shielded Construction:** The magnetic material entirely surrounds the coil, which significantly reduces **Electromagnetic Interference (EMI)**. * **Low DCR (DC Resistance):** It uses heavy-gauge copper wire to minimize power loss and heat generation. * **Soft Saturation:** Unlike ferrite cores that lose inductance sharply when current increases, this composite core has a gradual saturation curve, making it more stable under "over-current" conditions. --- ### 3. Electronic Behavior and Applications The **RPS9HC-R680E** is optimized for high-frequency switching and high-density power stages. #### A. Typical Applications * **Voltage Regulator Modules (VRM):** Used in CPUs and GPUs to handle rapid current transients. * **DC-DC Converters:** Ideal for Point-of-Load (POL) power supplies in servers and networking gear. * **Battery Powered Devices:** High efficiency helps extend battery life. #### B. Performance Benefits 1. **High Current Handling:** Capable of handling high Saturation Current ($I_{sat}$) and Heating Current ($I_{rms}$). 2. **Frequency Stability:** Maintains stable inductance across a wide range of switching frequencies (up to several MHz). 3. **Space Efficiency:** The "9HC" designation refers to a specific footprint size that offers high power density in a small PCB area. --- ### 4. Part Number Breakdown Understanding the nomenclature helps in sourcing or substituting the part: * **RPS:** Series Prefix (Shielded Molded Inductor). * **9HC:** Size/Dimensions and High Current rating code. * **R68:** Inductance value ($R68 = 0.68$ microhenries). * **0E:** Packaging or tolerance variation code specific to the manufacturer's revision.
    ✨ Follow-up Questions
    • ⤷ What are the saturation current (Isat) and heating current (Irms) ratings for this specific inductor?
    • ⤷ How does the 'soft saturation' of this composite inductor compare to a standard ferrite core?
    • ⤷ Which manufacturers produce equivalent alternatives to the RPS9HC series?