Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • RRD-P1S-R

  • AI
    The **RRD-P1S-R** is a specific electronic module, commonly identified as a **high-precision atmospheric pressure and temperature sensor**. It is often used in meteorological equipment, drones, and industrial IoT devices. Below is a detailed breakdown of its electronic components and specifications. --- ### 1. Component Overview The RRD-P1S-R is typically a surface-mount module based on the **MEMS (Micro-Electro-Mechanical Systems)** technology. It functions as an integrated altimeter and barometer. | Feature | Specification | | :--- | :--- | | **Primary Function** | Barometric Pressure & Temperature Sensing | | **Communication Interface** | I2C (Standard) or SPI | | **Operating Voltage** | 1.8V to 3.6V (Typically 3.3V) | | **Pressure Range** | 300 to 1100 hPa (+9000m to -500m above sea level) | | **Resolution** | 0.01 hPa (Pressure) / 0.01°C (Temperature) | --- ### 2. Internal Electronic Architecture The module consists of several sub-parts integrated into a small metal-shielded package: * **MEMS Pressure Sensor:** A piezo-resistive sensor that detects physical pressure changes. * **Analog-to-Digital Converter (ADC):** High-resolution 24-bit ADC to convert analog resistance changes into digital signals. * **Logic Unit:** Manages the communication protocol (I2C) and handles calibration coefficients stored in the internal ROM. * **Oscillator:** Internal clock used for timing measurements. --- ### 3. Pin Configuration While specific board layouts vary by manufacturer, the standard pinout for this 4-pin or 6-pin module usually includes: | Pin Name | Description | | :--- | :--- | | **VCC** | Power Supply (3.3V recommended) | | **GND** | Ground | | **SCL** | Serial Clock line for I2C | | **SDA** | Serial Data line for I2C | --- ### 4. Key Electronic Advantages * **Temperature Compensation:** The module includes an internal temperature sensor used to compensate for the pressure sensor's drift, ensuring accuracy regardless of ambient heat. * **Low Power Consumption:** Designed for battery-operated devices, it typically draws less than 5µA in standby mode. * **Factory Calibrated:** Each unit comes with factory-programmed calibration parameters, meaning the user does not need to calibrate the sensor manually. --- ### 5. Common Use Cases 1. **Smartphones/Wearables:** For step counting and floor climbing detection. 2. **Drones:** For altitude hold and vertical stability. 3. **Weather Stations:** For local barometric forecasting. ---
    ✨ Follow-up Questions
    • ⤷What are the specific I2C addresses used by the RRD-P1S-R?
    • ⤷ How do I calculate altitude from the pressure readings of this sensor?
    • ⤷ Is the RRD-P1S-R compatible with 5V Arduino logic levels?