Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • RS-626-R

  • AI
    The **RS-626-R** typically refers to a high-performance **Micro DC Motor** commonly used in automotive components, power tools, and household appliances. It is a brush-style motor known for its high torque-to-weight ratio. --- ### 1. Technical Specifications The electrical and mechanical characteristics of the RS-626-R can vary slightly by manufacturer (such as Mabuchi or Johnson Electric), but generally fall within these parameters: | Parameter | Typical Value | | :--- | :--- | | **Voltage Range** | 6.0V - 24.0V DC | | **Nominal Voltage** | 12.0V or 18.0V | | **No-Load Speed** | 10,000 – 20,000 RPM | | **No-Load Current** | 0.5A – 1.2A | | **Stall Torque** | 200 – 450 mN·m | | **Output Power** | 20W – 80W | --- ### 2. Internal Electronic & Mechanical Parts The motor consists of several critical components that work together to convert electrical energy into mechanical rotation: #### A. The Rotor (Armature) The central rotating part consisting of copper wire windings. When current passes through these coils, it creates a magnetic field that interacts with the stator. #### B. The Stator (Permanent Magnets) Usually consists of two high-strength permanent magnets fixed to the inner wall of the metal housing (can). These provide the constant magnetic flux required for operation. #### C. Carbon Brushes & Commutator * **Commutator:** A segmented copper ring at the base of the rotor. * **Brushes:** These press against the commutator to deliver DC current to the spinning coils. The "R" in the model number often signifies a specific brush material or design intended for durability or noise reduction. #### D. Suppression Components (EMI/EMC) Because brushed motors create electrical "noise" (sparks at the commutator), many RS-626-R units include: * **Varistors:** Integrated on the commutator to absorb voltage spikes. * **Capacitors:** Sometimes soldered across the terminals to reduce Radio Frequency Interference (RFI). --- ### 3. Common Applications Due to its robust power delivery, this motor is frequently found in: 1. **Automotive:** Electronic parking brakes, power seats, and window lifters. 2. **Cordless Tools:** Drill drivers and circular saws. 3. **Appliances:** Vacuum cleaners and high-speed blenders. --- ### 4. Typical Wiring Diagram The motor is a simple two-terminal device. Reversing the polarity reverses the direction of rotation. ```arduino // Basic H-Bridge Logic for RS-626-R Control void motorForward() { digitalWrite(IN1, HIGH); digitalWrite(IN2, LOW); analogWrite(PWM_PIN, 255); // Full speed } void motorReverse() { digitalWrite(IN1, LOW); digitalWrite(IN2, HIGH); } ```
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the RS-626-R and the RS-550 series?
    • ⤷ How do I calculate the heat dissipation requirements for this motor under load?
    • ⤷ What type of motor driver or ESC is recommended for a 12V RS-626-R?