Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • RSC-R1U

  • AI
    The **RSC-R1U** is a high-performance 1U rackmount server chassis manufactured by AIC (Advanced Industrial Computer). It is designed specifically for high-density storage and networking applications. Below is a detailed breakdown of its electronic components and hardware specifications. --- ### 1. Key Electronic Components The "electronic parts" of the RSC-R1U refer to the internal PCBs, power distribution systems, and connectivity modules. | Component | Description | | :--- | :--- | | **Backplane** | A high-speed PCB that connects hard drives to the motherboard/controller. Usually supports 12Gb/s SAS3 or NVMe protocols. | | **Power Supply (PSU)** | Typically features 1+1 redundant 80 Plus Platinum/Titanium units to ensure zero downtime. | | **Power Distribution Board (PDB)** | Manages the routing of high-voltage power from the PSUs to the motherboard, backplane, and fans. | | **Fan Control Modules** | PWM-controlled high-speed fans (40mm or 60mm) managed via the motherboard's BMC (Baseboard Management Controller). | | **Front Panel I/O** | Includes status LEDs (Power, HDD, Network, System Fail), power switch, and USB 3.0 ports. | --- ### 2. Technical Specifications The RSC-R1U series typically supports the following hardware configurations: #### **Storage Architecture** * **Drive Bays:** Usually configured for 4 x 3.5" Hot-swap bays or 10 x 2.5" Hot-swap bays. * **Interface:** Supports SAS, SATA, and NVMe (depending on the specific backplane version installed). #### **Motherboard Compatibility** * **Form Factor:** Supports Extended ATX (E-ATX) or ATX motherboards. * **Expansion Slots:** Utilizes "Riser Cards" to allow full-height or half-height PCIe cards to sit horizontally in the 1U space. #### **Cooling System** * Equipped with a "Fan Wall" (multiple high-static pressure fans) located between the drive bays and the motherboard to ensure linear airflow. --- ### 3. Electronic Protection & Management The RSC-R1U integrates several safety features into its circuitry: 1. **Hot-Swap Protection:** The backplane includes capacitors to prevent power surges when drives are plugged in while the system is running. 2. **I2C / SES Management:** The backplane communicates with the motherboard via I2C or SES (SCSI Enclosure Services) to report drive health and temperature. 3. **Redundancy:** The electronic pathing is designed so that if one PSU or fan fails, the system continues to operate at full capacity. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific backplane options available for the RSC-R1U?
    • ⤷ Which motherboards are officially validated for use in this chassis?
    • ⤷ How do I configure the redundant power supply for PMBus communication?