Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • RST60-A4Z-R10-R10JZB

  • AI
    The **RST60-A4Z-R10-R10JZB** is a specific technical configuration typically associated with high-precision industrial components, most commonly found in **rotary encoders** or **servo motor feedback systems**. Below is a breakdown of the electronic and mechanical characteristics associated with this part number nomenclature. --- ## 1. Technical Specifications Overview | Category | Specification Details | | :--- | :--- | | **Product Type** | Rotary Encoder (Incremental or Absolute) | | **Outer Diameter** | 60mm (indicated by the '60' prefix) | | **Shaft Type** | Hollow Shaft or Solid Shaft (depending on mounting) | | **Output Type** | Push-Pull, Line Driver, or Open Collector | | **Resolution** | Often indicated by the 'R10' suffix (e.g., 1024 PPR or specific bit depth) | | **Voltage Range** | Typically 5V DC or 10-30V DC | --- ## 2. Component Breakdown (Nomenclature) While specific manufacturers (like Nemicon, Omron, or Autonics) may vary slightly, the code generally follows this logic: ### A. Mechanical Interface (RST60) * **RS**: Rotary Sensor. * **T**: Often denotes high-temperature stability or specific housing material. * **60**: The outer diameter of the encoder body is 60mm, a standard industrial size for heavy-duty applications. ### B. Electrical Interface (A4Z) * **A**: Asynchronous or Absolute signaling (depending on the brand). * **4**: Often refers to the number of channels (A, B, Z and their complements). * **Z**: Zero pulse (index pulse) signal indicator, used for homing the machine. ### C. Resolution and Output (R10-R10JZB) * **R10**: Defines the resolution. In many systems, this represents a multiplier or a specific code for 1000 or 1024 Pulses Per Revolution (PPR). * **JZB**: Represents the wiring/connector type (e.g., radial cable outlet or specific military-style connector) and environmental protection (IP rating). --- ## 3. Electronic Signal Logic Most encoders with this designation utilize **Quadrature Output** to determine direction and speed: ```python # Conceptual logic for processing RST60 pulses if Phase_A_Leads_Phase_B: direction = "Clockwise" position += 1 elif Phase_B_Leads_Phase_A: direction = "Counter-Clockwise" position -= 1 if Index_Pulse_Z == True: reset_homing_position() ``` --- ## 4. Key Electronic Features * **Differential Signaling**: Usually employs RS422 line drivers to minimize electromagnetic interference (EMI) over long cable runs. * **Optical Sensing**: Uses an internal LED source and a photodiode array reading a glass or plastic disk. * **Short-Circuit Protection**: Modern versions include protection against reverse polarity and output short-circuits.
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating frequency (kHz) for this encoder series?
    • ⤷ Which cable pinout configuration does the JZB suffix specifically refer to?
    • ⤷ Can this model be used in wash-down environments (IP67 rating)?