Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • RT-100E-R

  • AI
    The **RT-100E-R** is a high-performance, single-port industrial serial device server (often associated with brands like EtherWAN or specialized industrial communication providers). Its primary function is to bridge serial devices (RS-232/422/485) to an Ethernet network. Below is a breakdown of its electronic components and hardware specifications. --- ## 1. Core Electronic Components The device is built with industrial-grade circuitry to ensure stability in harsh environments. | Component Type | Description | | :--- | :--- | | **Processor (MCU)** | Typically features a 32-bit ARM-based RISC processor to handle TCP/IP stack processing and serial data buffering. | | **Memory** | Includes onboard **SDRAM** for operational data and **Flash Memory** for firmware storage and configuration settings. | | **Ethernet Controller** | 10/100 Mbps auto-sensing controller with 1.5KV magnetic isolation protection. | | **Serial Transceivers** | Multi-protocol transceivers supporting RS-232, RS-422, and 2/4-wire RS-485. | | **Power Regulator** | Wide-range DC-DC converter to handle fluctuating industrial power inputs (typically 9-48VDC). | --- ## 2. Interface Specifications The RT-100E-R utilizes specific pinouts and connectors to interface with various electronic systems. ### A. Serial Port (DB9 Male) The serial port is software-configurable. The electronic signals include: * **RS-232:** TxD, RxD, RTS, CTS, DTR, DSR, DCD, GND. * **RS-485:** Data+, Data- (2-wire) or Rx+, Rx-, Tx+, Tx- (4-wire). ### B. Ethernet Port (RJ45) * Standard 8-pin RJ45. * Built-in LEDs for **Link/Activity** and **Speed** status. --- ## 3. Physical & Environmental Electronics | Feature | Specification | | :--- | :--- | | **Isolation** | 15KV ESD protection for all serial signals. | | **Power Consumption** | Low power design, typically consuming < 3W. | | **Mounting** | DIN-Rail or Wall mountable metal chassis for heat dissipation. | | **Diagnostic LEDs** | Ready (System), Link/Act (Ethernet), Tx/Rx (Serial Data). | --- ## 4. Operational Logic (Block Diagram) ```mermaid graph LR A[Serial Device] -- RS-232/485 Signals --> B[Serial Transceiver] B --> C[Microprocessor] C -- Packetization --> D[Ethernet Controller] D -- RJ45 --> E[Network/Switch] ``` ### Key Electronic Features for Reliability: 1. **Watchdog Timer:** A hardware circuit that automatically reboots the processor if the software freezes. 2. **Surge Protection:** Built-in protection against voltage spikes on the power line and data lines. 3. **Flow Control:** Supports Hardware (RTS/CTS) and Software (XON/XOFF) flow control to prevent data loss in the buffer.
    ✨ Follow-up Questions
    • ⤷ What are the specific pinouts for the RS-485 mode on the RT-100E-R?
    • ⤷ How do I configure the baud rate for this device?
    • ⤷ Does this model support Modbus Gateway functionality?