Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • RT-50-R/

  • AI
    The **RT-50-R** typically refers to a high-performance **Tri-Band RF Signal Repeater/Booster** system, often used in telecommunications to enhance cellular coverage (2G, 3G, and 4G/LTE) within large buildings or remote areas. Below is an explanation of its electronic components and technical specifications. --- ### 1. Internal Electronic Architecture The device functions through a series of signal processing stages. Here are the core electronic parts: | Component | Function | | :--- | :--- | | **Low Noise Amplifier (LNA)** | Amplifies the weak incoming signal from the outdoor antenna while adding minimal noise. | | **Duplexer/Filter** | Separates the Uplink (UL) and Downlink (DL) frequencies to prevent interference. | | **Power Amplifier (PA)** | Boosts the signal strength before it is broadcast via the indoor antenna. | | **ALC (Automatic Level Control)** | Electronic circuitry that automatically adjusts the gain to prevent system overload. | | **MCU (Microcontroller Unit)** | The "brain" that monitors signal status, controls LED indicators, and manages power. | --- ### 2. Technical Specifications The "50" in the model name usually denotes a gain level or power output (often 50dB to 55dB depending on the specific manufacturer variant). * **Frequency Bands:** Usually covers 900MHz, 1800MHz, and 2100MHz (Tri-Band). * **Impedance:** 50 Ohms (standard for RF communication). * **Power Supply:** DC 5V - 12V (via AC/DC Adapter). * **Connector Type:** N-Female or SMA-Female. --- ### 3. Key Electronic Features The RT-50-R series often includes smart protection circuits to ensure the stability of the cellular network: 1. **ISO (Isolation Detection):** If the indoor and outdoor antennas are too close, the device detects "feedback" (oscillation) and reduces power to prevent hardware damage. 2. **MGC (Manual Gain Control):** Allows technicians to manually set the decibel boost using DIP switches or digital buttons. 3. **Heat Dissipation:** The outer shell is usually a finned aluminum alloy acting as a passive heat sink for the Power Amplifiers. --- ### 4. Typical Connection Diagram ```text [Outdoor Antenna] -> [Coaxial Cable] -> [RT-50-R Input] | (Signal Boost) | [Indoor Antenna] <- [Coaxial Cable] <- [RT-50-R Output] ```
    ✨ Follow-up Questions
    • ⤷ What are the specific frequency ranges supported by the RT-50-R?
    • ⤷ How do I troubleshoot the 'ISO' alarm on this device?
    • ⤷ What type of coaxial cable is recommended for the RT-50-R to minimize signal loss?