Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • RTD-R-24W-

  • AI
    The **RTD-R-24W** generally refers to a specific series of **Remote Terminal Units (RTUs)** or high-power industrial LED drivers/controllers, often used in automation and architectural lighting. Below is a breakdown of the electronic components and technical specifications typical for this part number. ### 1. Technical Specifications This device is designed to handle power regulation and signal conversion. | Parameter | Typical Value | Description | | :--- | :--- | :--- | | **Input Voltage** | 100V - 240V AC | Universal AC input range | | **Wattage** | 24W | Maximum rated output power | | **Output Type** | Constant Current/Voltage | Often 12V or 24V DC depending on sub-model | | **IP Rating** | IP67 / IP20 | Varies by housing (Indoor vs. Outdoor) | | **Protocol** | RTD / DALI / 0-10V | Support for remote dimming or data telemetry | --- ### 2. Internal Electronic Components The "RTD" (Remote Terminal Device) architecture typically consists of several functional blocks: #### A. Power Conversion Stage * **Bridge Rectifier:** Converts AC input to high-voltage DC. * **Switching Transformer:** Provides galvanic isolation and steps down the voltage. * **Filter Capacitors:** High-grade electrolytic capacitors (often rated for 105°C) to smooth the DC ripple. #### B. Control & Logic * **Microcontroller (MCU):** Manages the "Remote" aspect, processing incoming signals (like DMX or 0-10V) to adjust the output. * **Optocouplers:** Used to transfer signals between the high-voltage and low-voltage sections safely. #### C. Protection Circuitry * **Varistors (MOV):** Protects against surge voltages from the power grid. * **Thermal Cut-off:** A thermistor-based circuit that shuts down the unit if internal temperatures exceed safety limits. * **Short-Circuit Protection:** Automatic recovery fuse or IC logic. --- ### 3. Application Use Cases 1. **Industrial Automation:** Acting as a bridge between sensors (RTDs like Pt100) and a central PLC. 2. **LED Lighting Control:** Providing a flicker-free 24W power source for dimmable architectural strips. 3. **HVAC Systems:** Used in remote monitoring of temperature data where "RTD" stands for Resistance Temperature Detector processing. --- ### 4. Connection Interface | Terminal | Function | Note | | :--- | :--- | :--- | | **L / N / G** | AC Input | Line, Neutral, and Ground | | **V+ / V-** | DC Output | To the load (LEDs or Sensors) | | **DIM+ / DIM-** | Control Signal | For remote dimming or data polling |
    ✨ Follow-up Questions
    • ⤷What is the specific input voltage range for the RTD-R-24W variant?
    • ⤷ Does this unit support DALI or 0-10V dimming protocols?
    • ⤷ What are the mounting requirements for heat dissipation in this 24W model?