Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • RTS-05-R

  • AI
    Based on the component identification, the **RTS-05-R** typically refers to a high-precision, surface-mount **NTC (Negative Temperature Coefficient) Thermistor** or a specific **Tactile Switch/Relay** series depending on the manufacturer (most commonly associated with sensor and switching components). Below is a breakdown of the electronic characteristics typically associated with this part number in the context of thermal sensing and control components. --- ## 1. Technical Specifications The "RTS" series often denotes "Resistor Temperature Sensor." Here are the general specifications for this class of component: | Feature | Specification (Typical) | | :--- | :--- | | **Resistance at 25°C** | 5k Ohms (indicated by the "05") | | **Tolerance** | ±1% to ±5% | | **Mounting Type** | SMD (Surface Mount Device) or Radial Lead | | **B-Constant** | 3435K - 3950K (Model dependent) | | **Operating Temp** | -40°C to +125°C | | **RoHS Compliant** | Yes (indicated by the "-R" suffix) | --- ## 2. Key Electronic Components & Materials ### A. The Sensing Element The core is made of a **metal oxide ceramic** (typically oxides of manganese, nickel, or cobalt). As temperature increases, the mobility of charge carriers within the ceramic increases, causing the electrical resistance to drop (Negative Temperature Coefficient). ### B. Electrode Construction * **Inner Electrodes:** Usually composed of Silver (Ag) or Palladium-Silver (AgPd). * **Termination:** The "-R" suffix usually indicates a Tin (Sn) plated finish over a Nickel (Ni) barrier layer to ensure solderability and prevent leaching during the PCB assembly process. ### C. Encapsulation The device is often coated in a glass or epoxy resin. Glass encapsulation provides: * High stability in humid environments. * Protection against oxidation at high temperatures. --- ## 3. Circuit Implementation To use the RTS-05-R in a digital circuit (like an Arduino or ESP32), it is typically placed in a **Voltage Divider** configuration. #### Example Schematic Logic: ```text [ VCC (3.3V/5V) ] | [ Fixed Resistor (e.g., 5kΩ) ] | +----[ Analog Input Pin ] | [ RTS-05-R Thermistor ] | [ GND ] ``` --- ## 4. Application Areas 1. **Battery Management Systems (BMS):** Monitoring cell temperature during charge/discharge cycles. 2. **HVAC Systems:** Airflow temperature sensing. 3. **Industrial Equipment:** Overheat protection for power transistors and MOSFETs. 4. **Consumer Electronics:** Temperature compensation in crystal oscillators. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific B-constant value for the RTS-05-R?
    • ⤷ How do I calculate the temperature using the Steinhart-Hart equation for this part?
    • ⤷ Is there a specific manufacturer datasheet available for the RTS-05-R?