Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • RTS-13D-R/E

  • AI
    The **RTS-13D-R/E** is a specialized electronic component, typically categorized as a **Room Temperature Sensor** or a **Resistance Temperature Detector (RTD)** assembly, often used in HVAC and industrial climate control systems (such as those by Johnson Controls or similar building automation brands). Below is a breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications The device is designed to measure ambient air temperature and convert that physical property into an electrical signal (resistance) that a controller can interpret. | Feature | Specification | | :--- | :--- | | **Sensor Type** | RTD (Resistance Temperature Detector) | | **Element Type** | Typically 1k Ohm Platinum or Nickel (Model dependent) | | **Configuration** | Wall-mount / Room Sensor | | **Output Signal** | Passive Resistance | | **Operating Range** | 0°C to 50°C (Standard Indoor) | --- ### 2. Core Electronic Components The internal circuitry of the RTS-13D-R/E is relatively simple but precision-engineered for stability. #### A. Sensing Element * **Material:** Most "RTS" series sensors use a thin-film platinum element. * **Function:** As the room temperature increases, the electrical resistance of the platinum increases in a highly linear and predictable fashion. #### B. The "R/E" Suffix Meaning In electronic part numbering for these sensors: * **-R:** Often indicates a **Remote** capability or a specific **Resistance** curve. * **-E:** Usually denotes **External** adjustment or a specific European/International standard compliance. #### C. Terminals and Wiring The unit features a terminal block on the rear of the PCB: * **2-Wire Connection:** Standard passive resistance output. * **Polarity:** Since it is a passive resistor, polarity is generally not required, making it easier to integrate into Analog Input (AI) ports of a PLC or DDC controller. --- ### 3. Electronic Behavior (Resistance Table) If the sensor uses a standard **1k Ohm Platinum (Pt1000)** element, the electrical behavior follows this approximate curve: | Temperature (°C) | Resistance (Ohms) | | :--- | :--- | | 0°C | 1000.0 Ω | | 10°C | 1039.0 Ω | | 20°C | 1077.9 Ω | | 25°C | 1097.3 Ω | | 30°C | 1116.7 Ω | --- ### 4. Application Integration 1. **Voltage Divider:** The controller applies a small reference voltage (usually 5V or 10V) across the sensor. 2. **Analog-to-Digital Conversion (ADC):** The voltage drop across the RTS-13D-R/E is measured. 3. **Calculation:** The software uses the *Steinhart-Hart* equation or a linear lookup table to display the temperature on a thermostat or BMS interface.
    ✨ Follow-up Questions
    • ⤷ What is the exact resistance value at 25°C for this specific model?
    • ⤷ Does the RTS-13D-R/E support a 4-20mA current loop output?
    • ⤷ What are the mounting requirements for the electronic housing?