Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • RTS-1BA-R/E

  • AI
    The **RTS-1BA-R/E** is a specific electronic component, typically categorized as a **Resistor Network** or a **Thick Film Chip Resistor Array**. These parts are designed to house multiple resistive elements within a single package to save space on a Printed Circuit Board (PCB). --- ### 1. Key Technical Specifications Based on standard nomenclature for this series, here are the primary electronic characteristics: | Parameter | Typical Specification | |:---|:---| | **Component Type** | Thick Film Chip Resistor Array | | **Circuit Type** | Isolated (Individual resistors per pair of pins) | | **Number of Resistors** | Usually 4 or 8 elements (depending on pin count) | | **Resistance Tolerance** | ±1% or ±5% | | **Power Rating** | 0.063W (1/16W) per element | | **Operating Temperature** | -55°C to +125°C | | **Termination** | Convex (Standard for surface mount) | --- ### 2. Part Number Breakdown Electronic components follow a specific coding logic. For the **RTS-1BA-R/E**, the breakdown is generally as follows: * **RTS**: Product Series (Resistor Network/Array). * **1B**: Size code (Typically corresponding to 0402 or 0603 individual element sizes). * **A**: Circuit Configuration (A usually denotes an **Isolated** circuit where each resistor is independent). * **R/E**: Packaging and Compliance code (Refers to Reel/Embossed tape packaging and RoHS compliance). --- ### 3. Internal Circuit Logic The "A" designation is critical for electrical engineers. In an isolated configuration, the internal schematic looks like this: ```text Pin 1 --[Resistor]-- Pin 8 Pin 2 --[Resistor]-- Pin 7 Pin 3 --[Resistor]-- Pin 6 Pin 4 --[Resistor]-- Pin 5 ``` *Note: This allows for four separate signals to be processed through one physical component.* --- ### 4. Common Applications These parts are used in high-density electronic environments where board "real estate" is limited: * **Pull-up/Pull-down Resistors:** Used for digital logic lines (I2C, SPI buses). * **Termination:** Signal termination for high-speed data lines to prevent reflection. * **Current Limiting:** Limiting current for LED arrays or transistor bases. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between an 'Isolated' and a 'Bussed' resistor network configuration?
    • ⤷ How does the power rating of an array compare to individual SMD resistors?
    • ⤷ What are the soldering advantages of using a resistor array over discrete parts?