Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • RTS-243-R/E

  • AI
    The **RTS-243-R/E** is a specific model within a series of High-Precision Rotary Tilt Stages, typically utilized in automation, metrology, and optical positioning. The "R/E" suffix generally denotes the specific motor and encoder configuration. Below is an explanation of the core electronic components and technical specifications associated with this hardware. --- ### 1. Motorization and Drive System The electronic movement is governed by a high-torque motor system. Depending on the exact build, it usually utilizes one of the following: | Component | Description | Function | | :--- | :--- | :--- | | **Stepper Motor** | 2-Phase High Torque Motor | Provides incremental movement with high holding torque. | | **Worm Gear Drive** | Precision ground gear set | Converts motor rotation into high-resolution angular displacement. | | **Driver Interface** | Standard D-Sub or Circular connector | Connects the stage to an external Motion Controller/Driver. | ### 2. Feedback and Sensors (The "E" Suffix) The **"E"** in the model name stands for **Encoder**. This is a critical electronic part for closed-loop control. * **Rotary Encoder:** An optical or magnetic sensor mounted to the motor or the shaft. * **Resolution:** It tracks pulses per revolution (e.g., 2000–4000 pulses) to ensure the stage has reached the exact commanded angle. * **Home/Limit Switches:** Integrated Hall-effect or optical sensors that define the "Zero" position and prevent mechanical over-travel (especially on the Tilt axis). ### 3. Electronic Specifications Typical electrical characteristics for this class of device: * **Operating Voltage:** Usually 24V to 48V DC (determined by the external driver). * **Current per Phase:** Typically 1.0A to 2.5A. * **Wiring Pinout:** Often utilizes a DB9 or DB15 connector. * *Pins 1-4:* Motor Phases. * *Pins 5-9:* Limit switches and ground. * *Encoder Pins:* Separate shielded cable or integrated pins for A/B/Z channels. --- ### 4. Integration Diagram To operate the RTS-243-R/E, the electronic signal flow follows this path: ```mermaid graph LR PC[PC/Software] --> Controller[Motion Controller] Controller --> Driver[Stepper/Servo Driver] Driver --> Stage[RTS-243-R/E Stage] Stage -- Encoder Feedback --> Controller ``` --- ### Summary of Key Features 1. **Dual Axis Control:** Electronic synchronization between the Rotation (R) and Tilt (T) axes. 2. **Closed-Loop Accuracy:** The encoder compensates for any mechanical backlash in the worm gear. 3. **Protection:** Electronic limit switches protect the internal wiring from being twisted beyond the mechanical stop.
    ✨ Follow-up Questions
    • ⤷ What is the specific encoder resolution for the RTS-243-R/E model?
    • ⤷ Which motion controllers are compatible with this stage's wiring?
    • ⤷ Does this model support micro-stepping for higher angular precision?