Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • RTS-321-R/E

  • AI
    The **RTS-321-R/E** is a specific model within the series of high-precision total stations manufactured by **RUIDE**. These instruments are sophisticated optoelectronic devices used in surveying and civil engineering. Below is an explanation of the core electronic components and systems integrated into this device. --- ### 1. Key Electronic Components | Component | Function | Technical Detail | | :--- | :--- | :--- | | **EDM Unit** | Electronic Distance Measurement | Uses a phase-shift laser to measure distance with millimeter accuracy. | | **Absolute Encoders** | Angle Measurement | Digital sensors that detect the position of the horizontal and vertical circles. | | **Microprocessor** | Data Processing | Handles complex trigonometric calculations for coordinates (X, Y, Z). | | **Dual-Axis Compensator** | Tilt Correction | Liquid-electric sensors that automatically correct for leveling errors. | | **Internal Memory** | Storage | Typically stores up to 10,000 to 20,000 points depending on firmware. | --- ### 2. Functional Electronic Systems #### A. Power Management The "R/E" suffix typically denotes specific battery or efficiency enhancements. * **Battery Type:** High-capacity Rechargeable Lithium-Ion (Li-ion). * **Operating Voltage:** Usually 7.4V DC. * **Safety Features:** Overcharge protection and low-voltage alarms to prevent data loss. #### B. Display and User Interface * **LCD Panel:** A dual-sided alphanumeric or graphic display with backlighting for night use. * **Keypad:** A membrane or rubberized electronic keypad used to input codes, offsets, and point IDs. #### C. Communication Interfaces The RTS-321-R/E facilitates data transfer through several electronic ports: 1. **RS-232C Port:** Standard serial interface for PC connection. 2. **USB Port:** Support for USB flash drives for direct data export (CSV, DXF, or RAW formats). 3. **SD Card Slot:** Some iterations include an SD slot for expanded storage. --- ### 3. Specifications Table | Feature | Specification | | :--- | :--- | | **Angle Accuracy** | 2" (Arc-seconds) | | **Reflectorless Range** | Typically 300m to 500m (on 'R' models) | | **Prism Range** | Up to 5,000m | | **Laser Class** | Class 3R / Class 2 | | **Interface** | RS-232C / USB / SD | --- ### 4. Troubleshooting Electronic Issues If the device fails to power on or communicate: * **Voltage Check:** Ensure the battery terminals are clean and the output is above 7.2V. * **Baud Rate:** Match the serial communication speed (typically 9600 or 115200) in the electronic settings menu. * **Initialization:** If angle readings flicker, the electronic encoders may require "indexing" by rotating the telescope 360 degrees.
    ✨ Follow-up Questions
    • ⤷ How do I calibrate the dual-axis compensator on the RTS-321?
    • ⤷ What is the difference between the R and E versions of this total station?
    • ⤷ How can I export data from the internal memory to a PC?