Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • RTS-32D-R/E

  • AI
    The **RTS-32D-R/E** is a high-performance, programmable temperature controller/switch often used in industrial refrigeration and HVAC systems. It is part of a series known for its reliability in monitoring and controlling thermal environments. ### 1. Key Component Overview Below is a breakdown of the primary electronic specifications for the RTS-32D-R/E: | Component Feature | Specification / Detail | | :--- | :--- | | **Input Voltage** | Typically 100V - 240V AC (Wide Range) | | **Output Type** | Relay Output (Contact) | | **Switch Capacity** | Usually 3A to 10A at 250VAC (model specific) | | **Display Type** | 3-Digit or 4-Digit Red LED | | **Control Mode** | ON/OFF Control or PID (depending on firmware) | | **Sensor Type** | NTC Thermistor or PT100 Resistance Temperature Detector | --- ### 2. Internal Electronic Architecture The device is composed of several critical electronic stages: 1. **Power Supply Stage:** Uses a switching mode power supply (SMPS) to convert AC mains to stable DC voltage (5V/12V) for the internal logic. 2. **Microcontroller (MCU):** The "brain" that processes the analog signal from the sensor, manages the user interface, and executes the logic for switching the relay. 3. **A/D Converter:** A high-resolution Analog-to-Digital converter that transforms the voltage/resistance from the temperature probe into digital data. 4. **Electromechanical Relay:** The output stage that physically opens or closes the circuit to the compressor, heater, or fan. 5. **Memory (EEPROM):** Stores user-defined settings (setpoints, hysteresis, alarms) so they are not lost during power outages. --- ### 3. Wiring Configuration While always referring to the specific diagram on the unit's casing, the standard terminal layout follows this logic: ```markdown Terminals 1-2: Power Input (AC Line/Neutral) Terminals 3-4: Temperature Sensor Input (NTC/RTD) Terminals 5-6: Relay Output (Common and Normally Open) ``` ### 4. Technical Distinctions (R/E Suffix) * **"R":** Generally indicates **Relay** output (for driving contactors or small loads directly). * **"E":** Often denotes an **Extended** range or specific **Electronic** sensor calibration (standardized for industrial refrigeration environments). ---
    ✨ Follow-up Questions
    • ⤷ What are the specific temperature ranges supported by the RTS-32D-R/E?
    • ⤷ How do I calibrate the sensor input on this controller?
    • ⤷ Can this unit be used to control a 3-phase compressor directly?