Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • RTS-344-R

  • AI
    The **RTS-344-R** is a high-performance, weather-resistant outdoor siren and strobe assembly typically used in security systems, fire alarms, and industrial signaling. Below is a breakdown of its electronic components and technical specifications. --- ### 1. Core Technical Specifications The RTS-344-R is designed to provide both auditory and visual alerts. | Feature | Specification | | :--- | :--- | | **Operating Voltage** | 12V DC (Typical range 6V - 15V DC) | | **Current Draw (Siren)** | ~350mA at 12V DC | | **Current Draw (Strobe)** | ~180mA at 12V DC | | **Sound Output** | 115 dB at 1 meter | | **Flash Rate** | 60 - 100 flashes per minute | | **Housing Material** | Polycarbonate / ABS Plastic (UV Stabilized) | | **Ingress Protection** | Weatherproof (suitable for outdoor mounting) | --- ### 2. Key Electronic Components #### A. The Piezoelectric Driver Unlike mechanical bells, the RTS-344-R uses a **Piezoelectric transducer**. * **Function:** Converts electrical signals into high-frequency mechanical vibrations. * **Electronic Logic:** A driver circuit oscillates the voltage at a specific resonant frequency to maximize the decibel output while keeping current consumption low. #### B. Xenon or LED Strobe Module Depending on the specific revision, the "R" (Red) strobe utilizes: * **Capacitor Bank:** Stores energy to provide the high-intensity burst required for the flash. * **Trigger Circuit:** Controls the timing of the flashes (strobe effect). * **Optics:** A Fresnel lens is used to disperse the red light over a wide angle for maximum visibility. #### C. Tamper Protection The unit usually includes a **Tamper Switch**: * **Component:** A normally closed (NC) microswitch or reed switch. * **Function:** If the housing is opened or pulled from the wall, the circuit is broken, triggering a "Tamper" zone on the main Alarm Control Panel even if the system is disarmed. --- ### 3. Wiring Configuration The device typically features a multi-core wire lead or a terminal block for integration. | Wire Color | Function | Description | | :--- | :--- | :--- | | **Red** | Positive (+) | Power for the Siren/Strobe (12V) | | **Black** | Negative (-) | Common Ground | | **White/Yellow** | Tamper | Connection to the alarm's 24hr tamper loop | --- ### 4. Application Notes * **Reverse Polarity Protection:** Most RTS-344-R units include a diode to prevent damage if the power leads are connected incorrectly. * **Parallel Connection:** Because of its relatively low current draw (approx. 500mA total), multiple units can often be wired in parallel to a single high-current alarm output.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current capacity required for a power supply to run two RTS-344-R units?
    • ⤷ How do I wire the tamper switch into a 24-hour EOLR circuit?
    • ⤷ Can the siren and strobe be controlled independently?