Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • RTS-3B1-R

  • AI
    The **RTS-3B1-R** is a specific electronic component typically identified as a **High-Precision Surface Mount (SMD) Platinum Resistance Temperature Detector (RTD)**. These sensors are widely used in industrial and consumer electronics for accurate temperature monitoring. --- ### 1. Technical Specifications The following table highlights the core electronic characteristics of the RTS-3B1-R: | Parameter | Specification | |:---|:---| | **Sensor Type** | RTD (Resistance Temperature Detector) | | **Element Material** | Platinum (Pt) | | **Resistance at 0°C** | 1000 $\Omega$ (Pt1000) | | **Tolerance Class** | Class B (Standard Accuracy) | | **Temperature Coefficient** | 3850 ppm/K | | **Package Size** | 0805 (SMD) | | **Operating Range** | -55°C to +155°C | --- ### 2. Key Electronic Features * **Pt1000 Value:** Unlike the standard Pt100, the Pt1000 has a higher resistance. This reduces the error caused by lead wire resistance, making it ideal for low-power or battery-operated circuits. * **Linearity:** It offers excellent linearity across its entire temperature range compared to thermistors (NTC/PTC). * **Stability:** Platinum sensors are known for long-term stability and repeatability, ensuring the resistance value does not drift significantly over years of use. * **SMD Design:** The "R" suffix often denotes "Reel" packaging for automated Pick-and-Place assembly, suitable for high-density PCB designs. --- ### 3. Application Circuitry To read data from an RTS-3B1-R, it is typically integrated into a **Voltage Divider** or a **Wheatstone Bridge** circuit. Because it is a resistive element, a constant excitation current must be applied. #### Example Calculation (Simplified) If using a constant current source of $100 \mu A$: * At $0^\circ C$: $V = 1000 \Omega \times 100 \mu A = 0.1V$ * At $100^\circ C$ (Approx. $1385 \Omega$): $V = 1385 \Omega \times 100 \mu A = 0.1385V$ --- ### 4. Common Use Cases 1. **HVAC Systems:** Monitoring ambient air temperature. 2. **Medical Devices:** Precision thermal management in diagnostic equipment. 3. **Battery Management Systems (BMS):** Monitoring cell temperatures during charge/discharge cycles. 4. **Industrial Automation:** Process control where high accuracy is required.
    ✨ Follow-up Questions
    • ⤷What is the difference between Pt100 and Pt1000 in circuit design?
    • ⤷ How do I calibrate an RTS-3B1-R sensor in software?
    • ⤷ What are the recommended excitation current limits for this SMD RTD?