Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • RTS-3D2-R

  • AI
    The **RTS-3D2-R** is a high-precision, industrial-grade **3D Laser Profilometer** (often categorized under optical sensors or machine vision components). It is primarily used for non-contact surface measurement, quality inspection, and automated guidance in manufacturing environments. --- ## 1. Core Electronic & Hardware Components The device integrates several high-end electronic subsystems to capture and process spatial data in real-time. | Component | Description | Function | | :--- | :--- | :--- | | **Laser Diode** | High-stability line laser (typically Red). | Projects a precise light line onto the target object. | | **CMOS Image Sensor** | High-speed, high-sensitivity imaging chip. | Captures the deformation of the laser line at high frame rates. | | **FPGA / DSP** | On-board Field Programmable Gate Array. | Performs real-time image processing and coordinate transformation. | | **Optical Lens** | Industrial-grade telecentric or specialized lens. | Focuses the reflected light onto the sensor with minimal distortion. | | **Interface Controller** | Gigabit Ethernet (GigE) or specialized I/O. | Manages data transmission to PCs or PLCs. | --- ## 2. Technical Specifications Understanding the electronic capabilities requires looking at the measurement performance: * **Measurement Principle:** Laser Triangulation (3D). * **Scanning Speed:** Typically ranges from hundreds to thousands of profiles per second (Hz). * **Output Data:** X, Z coordinates (Profile) or Point Cloud data. * **Connectivity:** * **Power:** Usually 12V-24V DC. * **Communication:** Ethernet (TCP/IP), often supporting protocols like Modbus or EtherNet/IP. * **Triggering:** Digital I/O for synchronization with encoders or conveyors. --- ## 3. Working Mechanism The electronics inside the RTS-3D2-R follow a specific signal chain: 1. **Emission:** The **Laser Driver** pulses the laser diode. 2. **Reflection:** Light hits the object and reflects through the **Optical Assembly**. 3. **Capture:** The **CMOS Sensor** converts photons into electronic signals. 4. **Extraction:** The **Internal Processor** calculates the "center of gravity" of the laser line to determine height (Z) and width (X). 5. **Transmission:** The processed profile is sent via the **Communication Port** to the host system. --- ## 4. Typical Applications Because of its electronic precision, it is used in: * **Electronics Assembly:** Measuring solder paste volume or component height. * **Automotive:** Gap and flush inspection. * **Food & Pharma:** Volumetric measurement and packaging integrity. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum sampling frequency of the RTS-3D2-R?
    • ⤷ Does this model support Power over Ethernet (PoE)?
    • ⤷ What software environment is required to process the data from this sensor?