Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • RTS-4151-R

  • AI
    Based on your inquiry, the **RTS-4151-R** typically refers to a high-frequency, surface-mount **directional coupler** or a specific **RF resistive component** (often manufactured by companies like Susumu or integrated into RF modules). Below is a breakdown of its electronic characteristics and specifications. --- ### 1. General Component Profile The "RTS" series is generally categorized under high-precision RF components designed for signal monitoring and power measurement in wireless communication systems. | Specification | Typical Value / Description | | :--- | :--- | | **Component Type** | Directional Coupler / RF Termination | | **Mounting Type** | Surface Mount Device (SMD/SMT) | | **Frequency Range** | Typically 10 MHz to 4 GHz (Varies by sub-model) | | **Impedance** | 50 Ohms (Standard RF matching) | | **Material** | Thin film on Alumina or Ceramic substrate | --- ### 2. Key Electronic Features * **Thin Film Technology:** Utilizes high-stability thin film resistors to ensure minimal noise and high accuracy across a broad temperature range. * **Directionality:** In coupler configurations, it allows the sampling of a signal traveling in one direction while isolating the signal in the opposite direction. * **Low Insertion Loss:** Designed to pass the main signal with minimal power attenuation. * **VSWR (Voltage Standing Wave Ratio):** Engineered for low VSWR to prevent signal reflections that could damage sensitive RF power amplifiers. --- ### 3. Pin Configuration (Typical RF Coupler) Most parts in this series use a standard 4-terminal or 6-terminal layout: | Pin Name | Function | | :--- | :--- | | `IN` | Input port for the RF signal. | | `OUT` | Output port for the transmitted signal. | | `CPL` | Coupled port (provides a reduced-power sample). | | `ISO / GND` | Isolated port or Ground reference. | --- ### 4. Application Areas These parts are commonly found in the following electronic assemblies: 1. **Mobile Base Stations:** Monitoring transmit power to ensure regulatory compliance. 2. **Handheld Radios:** Managing battery life by optimizing power amplifier output. 3. **WLAN/Bluetooth Modules:** Signal splitting and internal feedback loops. 4. **Test Equipment:** Providing non-intrusive measurement points in a circuit. --- ### 5. Schematic Representation Example ```mermaid graph LR A[Input Signal] --> B{RTS-4151-R} B --> C[Main Output] B -.-> D[Coupled Sample -20dB] B --- E[Ground] ``` ---
    ✨ Follow-up Questions
    • ⤷What is the specific coupling factor (dB) for the RTS-4151-R?
    • ⤷ Can this component be used in high-power applications exceeding 10 Watts?
    • ⤷ Which manufacturer produces the RTS-4151-R series?