Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • RTS-421-R/E

  • AI
    The **RTS-421-R/E** is a high-precision Electronic Total Station typically used in land surveying, construction, and engineering. The "R" usually signifies reflectorless capabilities, while "E" often denotes specific memory or interface enhancements. ### Core Electronic Components The device integrates several complex electronic subsystems to calculate coordinates and distances. | Component | Function | Technology Used | | :--- | :--- | :--- | | **EDM Unit** | Electronic Distance Measurement | Infrared Laser / Phase-shift technology | | **Angle Encoder** | Measures horizontal and vertical angles | Absolute Encoding (Photoelectric) | | **Main Processing Board** | Data computation and OS management | Embedded ARM Microcontroller | | **Display & Input** | User interface and data entry | LCD (Dot matrix) & Alphanumeric Keypad | | **Tilt Sensors** | Dual-axis compensation | Liquid-electric or Electrolytic sensors | --- ### Key Electronic Features #### 1. EDM (Electronic Distance Measurement) The heart of the device. It emits a laser beam (visible or infrared) and measures the time-of-flight or phase difference of the reflected light to calculate distance. - **Reflectorless:** Can measure distances to solid objects (walls, poles) without a prism. - **Prism Mode:** High-accuracy mode using a glass retro-reflector. #### 2. Absolute Encoding System Unlike older incremental systems, absolute encoders do not require "resetting" the 0-point by rotating the telescope. The electronic disk is etched with unique patterns that the sensors read instantly upon startup. #### 3. Dual-Axis Compensation The internal electronic sensors detect if the instrument is perfectly level. If it is slightly off-axis, the onboard CPU mathematically corrects the angle readings in real-time. #### 4. Data Storage and Connectivity - **Internal Memory:** Usually stores around 10,000 to 20,000 points. - **Interfaces:** Includes **RS-232C** serial ports, **USB** slots for flash drives, and often **Bluetooth** for wireless connection to external data collectors/tablets. --- ### Technical Specifications (Typical) | Feature | Specification | | :--- | :--- | | **Angle Accuracy** | 2" (Arc-seconds) | | **Reflectorless Range** | Up to 400m - 600m (model dependent) | | **Prism Range** | Up to 5,000m | | **Battery Type** | Rechargeable Li-ion (7.4V) | | **Protection Class** | IP54 / IP66 (Dust and Water Resistance) |
    ✨ Follow-up Questions
    • ⤷ What is the difference between phase-shift and time-of-flight EDM?
    • ⤷ How do I export data from the RTS-421 to a CAD program?
    • ⤷ What are the common error codes for the RTS-421 tilt sensors?