Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • RTS-43B-R

  • AI
    The **RTS-43B-R** is a high-performance, industrial-grade **Resistive Touch Screen (RTS)** display module, often used in embedded systems, HMI (Human Machine Interface), and automation control. --- ## 1. Core Technical Specifications The electronics of the RTS-43B-R are centered around a 4.3-inch TFT LCD panel integrated with a 4-wire resistive touch overlay. | Feature | Specification | | :--- | :--- | | **Display Size** | 4.3 Inch Diagonal | | **Resolution** | 480 x 272 pixels (WQVGA) | | **Touch Type** | 4-Wire Analog Resistive | | **Interface** | 24-bit Parallel RGB | | **Backlight** | White LED (Typically 7-10 LEDs) | | **Color Depth** | 16.7M Colors | --- ## 2. Key Electronic Components ### A. The TFT LCD Controller Interface The module typically utilizes a standard **40-pin FPC (Flexible Printed Circuit)** connector. The pinout generally includes: * **Data Lines (R0-R7, G0-G7, B0-B7):** Responsible for the 24-bit color signal. * **Control Signals:** Includes `PCLK` (Pixel Clock), `DISP` (Display On/Off), `HSYNC`, and `VSYNC` for image synchronization. ### B. The Resistive Touch Overlay Unlike capacitive screens (like smartphones), the "R" in RTS-43B-R stands for **Resistive**. * **Composition:** Two thin, transparent layers separated by a gap of "spacer dots." * **Function:** When pressed, the layers touch, creating a voltage divider. * **Pins:** Labeled as `X+`, `X-`, `Y+`, and `Y-`. These require an external Touch Screen Controller (like an ADS7843 or XPT2046) or an ADC-capable microcontroller to interpret coordinates. ### C. Backlight Driving Circuit The backlight consists of high-brightness LEDs. * **Voltage:** Usually requires ~15V to 25V (LEDs in series). * **Current:** Constant current driving is required (approx. 20mA to 40mA) to prevent burnout and ensure uniform brightness. --- ## 3. Integration Diagram (Block Level) ```mermaid graph LR MCU[Microcontroller/SBC] -- 24-bit RGB --> LCD[TFT Panel] MCU -- PWM --> BLC[Backlight Driver] BLC --> LED[LED Array] TOUCH[Resistive Layer] -- X/Y Signals --> TSC[Touch Controller/ADC] TSC --> MCU ``` --- ## 4. Application Considerations * **Durability:** The resistive layer is made of PET film, making it resistant to dust and water, and it can be operated with gloves or a stylus. * **Power Supply:** The logic usually operates at **3.3V**, while the backlight requires a separate boost converter circuit.
    ✨ Follow-up Questions
    • ⤷ What is the standard pinout for the 40-pin FPC connector on this module?
    • ⤷ Which touch screen controller IC is recommended for the RTS-43B-R?
    • ⤷ How do I calculate the resistor value for the LED backlight if not using a driver IC?