Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • RTS-4DD-R/E

  • AI
    The **RTS-4DD-R/E** is a specific model within the series of Industrial Solid State Relay (SSR) modules, typically used for high-speed switching and motor control. These devices are designed to interface low-voltage control signals with high-power electrical loads. --- ### 1. Component Overview The RTS-4DD-R/E is a **4-Channel DC-to-DC Solid State Relay Module**. Unlike traditional mechanical relays, it uses semiconductor components (Transistors/MOSFETs) to perform the switching, offering significantly longer life cycles and faster response times. ### 2. Technical Specifications | Feature | Description | | :--- | :--- | | **Control Voltage (Input)** | Typically 3.3V - 24V DC | | **Load Voltage (Output)** | 5V - 60V DC (Varies by specific sub-model) | | **Max Load Current** | Usually 5A to 10A per channel | | **Switching Type** | MOSFET Output (DC switching) | | **Isolation** | Optocoupler Isolation (Protects the controller) | | **Response Time** | < 1ms | | **Mounting** | DIN Rail Mountable | --- ### 3. Key Electronic Sub-systems #### A. Input Side (Control) * **Optoisolators:** The core of the input circuit. It uses an internal LED to transmit a signal via light to a photo-sensitive transistor. This ensures that the high-voltage load side is electrically separated from the low-voltage controller (like a PLC or Arduino), preventing damage from back-EMF or surges. * **Input Status LEDs:** Indicators that light up when a control signal is active on a specific channel. #### B. Output Side (Power Switching) * **Power MOSFETs:** These act as the electronic "switch." Because they have very low "On-Resistance" ($R_{DS(on)}$), they can handle high current with minimal heat generation. * **Flyback Diodes:** Usually integrated to protect the MOSFETs from voltage spikes when switching inductive loads (like DC motors or solenoids). #### C. Protection Circuits * **Reverse Polarity Protection:** Prevents the module from burning out if the input power wires are connected backwards. * **Fuse/Overcurrent Protection:** Some variations include replaceable fuses or thermal shutdowns to protect the internal circuitry. --- ### 4. Typical Applications 1. **PLC Interface:** Converting a low-current PLC output to drive a high-power DC motor. 2. **Solenoid Control:** High-frequency pulsing of pneumatic or hydraulic valves. 3. **Heater Control:** Precise PWM (Pulse Width Modulation) control of DC heating elements. 4. **Signal Conversion:** Interfacing different voltage levels between industrial sensors and controllers.
    ✨ Follow-up Questions
    • ⤷ What is the difference between this DC output model and an AC output SSR?
    • ⤷ How do I calculate the heat dissipation requirements for this module?
    • ⤷ Can this module be used for PWM speed control of a DC motor?