Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • RTZ-10V331MGA5SUQ-R2

  • AI
    Based on the part number **RTZ-10V331MGA5SUQ-R2**, this component is an **Aluminum Electrolytic Capacitor**, specifically an SMD (Surface Mount Device) type known for its low impedance and high reliability. These are commonly manufactured by brands like **Samyoung** or **CapXon** (specifically the RTZ series). --- ### 1. Part Number Breakdown The alphanumeric string provides specific details about the component's electrical and physical properties: | Segment | Definition | Value/Description | | :--- | :--- | :--- | | **RTZ** | Series Name | Low Impedance, High Reliability, 105°C | | **10V** | Voltage Rating | 10 Volts (DC) | | **331** | Capacitance Code | 330 µF (33 x 10^1) | | **M** | Tolerance | ±20% | | **G** | Case Size Code | Typically 8mm Diameter | | **A5** | Height Code | Typically 10mm or 10.5mm Height | | **SUQ** | Internal Code | Specialized electrolyte or terminal style | | **R2** | Packaging | Tape & Reel (Taping) | --- ### 2. Technical Specifications The **RTZ Series** is designed for high-density surface mounting. Below are the typical performance characteristics: * **Capacitance:** 330 Microfarads (µF) * **Rated Voltage:** 10V DC * **Operating Temperature:** -55°C to +105°C * **Endurance:** 2,000 to 5,000 hours at 105°C (depending on specific size) * **Mounting Type:** SMD / Chip Type * **Polarity:** Polarized (Has a designated negative terminal indicated by a black stripe) --- ### 3. Key Applications Because of its **Low Impedance** profile, this part is ideal for high-frequency switching circuits: 1. **Motherboards & Peripherals:** Used in VRM circuits for CPU/GPU power. 2. **DC-DC Converters:** Filtering noise in power supply modules. 3. **Consumer Electronics:** LED TVs, game consoles, and set-top boxes. 4. **Telecommunications:** Network routers and base station equipment. --- ### 4. Schematic Representation In a circuit diagram, the part is represented as a polarized capacitor: ```text + | | - ----| |---- | | (330uF/10V) ```
    ✨ Follow-up Questions
    • ⤷ What are the physical dimensions of the 'G' size code for this capacitor?
    • ⤷ Can this 10V capacitor be used in a 12V circuit?
    • ⤷ What is the specific ESR (Equivalent Series Resistance) for the RTZ series?