Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • RTZ-6V332MJHT-R5

  • AI
    The part number **RTZ-6V332MJHT-R5** refers to a high-performance **Aluminum Electrolytic Capacitor**. These components are essential in power management for filtering, smoothing, and energy storage. --- ## 1. Technical Specifications Based on standard naming conventions for surface-mount (SMD) aluminum capacitors, here are the primary technical parameters: | Parameter | Specification | | :--- | :--- | | **Capacitance** | 3300 µF (Microfarads) | | **Voltage Rating** | 6.3V DC | | **Mounting Type** | Surface Mount Device (SMD/V-Chip) | | **Tolerance** | ±20% (M) | | **Temperature Range** | -55°C to +105°C | | **Series** | RTZ (Low Impedance / High Reliability) | --- ## 2. Key Features The **RTZ Series** is typically designed for demanding electronic environments. Its characteristics include: * **Low Impedance:** Specifically engineered to provide low resistance to alternating current, which minimizes heat generation during high-frequency operation. * **High Ripple Current:** Capable of handling significant current fluctuations, making it ideal for DC-DC converters. * **Long Life:** Often rated for 2,000 to 5,000 hours at its maximum temperature (105°C). * **Reflow Soldering Compatible:** Designed to withstand the high temperatures of automated SMT (Surface Mount Technology) assembly lines. --- ## 3. Applications This specific capacitor is commonly found in the following sectors: 1. **Computing:** Motherboards and server power modules where stable low-voltage (6.3V) rails are required. 2. **Consumer Electronics:** Flat-panel displays and gaming consoles. 3. **Telecommunications:** Base stations and networking hardware. 4. **Automotive:** Infotainment systems and non-safety critical electronic control units (ECUs). --- ## 4. Part Number Breakdown (Typical) * **RTZ:** Series Name (Low Impedance). * **6V:** Rated Voltage (6.3 Volts). * **332:** Capacitance Code (33 followed by two zeros = 3300µF). * **M:** Tolerance (±20%). * **JHT:** Size/Packaging/Internal factory code. * **R5:** Tape and Reel packaging specification.
    ✨ Follow-up Questions
    • ⤷ What are the physical dimensions of the MJHT case size?
    • ⤷ Can this capacitor be replaced with a higher voltage rating like 10V or 16V?
    • ⤷ What is the specific ESR value for the RTZ series at 100kHz?