Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • RVR-10V331MGA5UN-R2

  • AI
    The part number **RVR-10V331MGA5UN-R2** refers to a high-quality surface-mount (SMD) aluminum electrolytic capacitor. This component is typically used for power management, filtering, and bypassing in electronic circuits. ### 1. Part Number Breakdown Based on standard industry naming conventions for aluminum electrolytic capacitors (often associated with manufacturers like Elna or Samwha), here is the technical breakdown: | Segment | Code | Description | | :--- | :--- | :--- | | **Series** | **RVR** | Vertical chip type, usually low impedance or long life. | | **Voltage** | **10V** | Rated working voltage (10 Volts DC). | | **Capacitance** | **331** | 330 $\mu$F (33 followed by one zero). | | **Tolerance** | **M** | $\pm$20% tolerance. | | **Case Size** | **GA5** | Refers to dimensions (e.g., 8mm x 10mm). | | **Packaging** | **UN-R2** | Tape and Reel packaging specification. | --- ### 2. Technical Specifications This capacitor is designed for high-density surface mounting. Key parameters include: * **Capacitance:** 330 microfarads ($\mu$F). * **Voltage Rating:** 10V (Surge voltage usually 1.15x rated). * **Operating Temperature:** Typically -40°C to +105°C (standard for RVR series). * **Mounting Type:** SMD (Surface Mount Device) / V-Chip. * **Polarity:** Polarized (must be installed with correct +/- orientation). --- ### 3. Application Use Cases Components like the RVR-10V331MGA5UN-R2 are found in the following scenarios: 1. **DC-DC Converters:** Acts as a smoothing capacitor to reduce voltage ripple. 2. **Audio Circuits:** Used for AC coupling or power decoupling to prevent noise. 3. **Consumer Electronics:** Found in laptops, monitors, and gaming consoles due to its small footprint and reliable performance at 105°C. 4. **Automotive Infotainment:** Used in systems where vibration resistance and temperature stability are required. --- ### 4. Comparison with Alternatives If you are looking for a replacement, ensure the replacement matches these three critical factors: ```yaml Comparison_Checklist: - Voltage: Must be equal to or higher than 10V. - Capacitance: Should be exactly 330uF for timing/filters, or similar for decoupling. - Footprint: Must match the 'GA5' physical dimensions to fit on the PCB pads. - ESR: Low ESR (Equivalent Series Resistance) is often required for the RVR series. ```
    ✨ Follow-up Questions
    • ⤷ What are the exact physical dimensions of the GA5 case size?
    • ⤷ Can I replace a 10V capacitor with a 16V capacitor of the same capacitance?
    • ⤷ What is the expected lifespan (hours) of the RVR series at 105°C?