Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • RVT-50V100MF61U-R2

  • AI
    The **RVT-50V100MF61U-R2** is a surface-mount (SMD) aluminum electrolytic capacitor. This specific part number follows the standard naming convention for parts often manufactured by brands like Elna or Lelon, characterized by high reliability and a vertical chip design. --- ### ## Technical Specifications | Parameter | Value | | :--- | :--- | | **Capacitance** | 10 µF | | **Voltage Rating** | 50V DC | | **Type** | Aluminum Electrolytic (SMD Type) | | **Series** | RVT (Standard/General Purpose) | | **Tolerance** | ±20% (M) | | **Operating Temp Range** | -55°C to +105°C | | **Dimensions (D x L)** | 6.3mm x 5.4mm (approx. Case Code: F61) | | **Mounting Type** | Surface Mount (V-Chip) | --- ### ### Key Characteristics 1. **V-Chip Construction:** The "F61" in the part number refers to the physical dimensions and the "Vertical Chip" design. This allows for automated pick-and-place assembly on PCBs. 2. **Temperature Resilience:** Rated up to **105°C**, making it suitable for automotive and industrial environments where standard 85°C capacitors might fail. 3. **Standard ESR:** As a general-purpose RVT series component, it offers a balance between cost and performance for filtering and decoupling. --- ### ### Part Number Breakdown | Segment | Meaning | | :--- | :--- | | **RVT** | Series name (High temperature, SMD type) | | **50V** | Rated Working Voltage (50 Volts) | | **100** | Capacitance code (10 + 0 zeros = 10µF) | | **M** | Tolerance (±20%) | | **F61** | Case Size code (6.3mm diameter) | | **U** | Packaging/Internal specific code | | **R2** | Tape and Reel specification (typically 13-inch reel) | --- ### ### Typical Applications * **DC-DC Converters:** For input/output smoothing. * **Consumer Electronics:** Power supply decoupling in LED TVs and monitors. * **Automotive:** Non-safety critical infotainment systems. * **Telecommunications:** Noise filtering in signal processing units.
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternatives for the RVT series from other manufacturers?
    • ⤷ How does the ripple current rating affect the lifespan of this capacitor?
    • ⤷ Can this capacitor be used in lead-free reflow soldering processes?