Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • RWS300B-36/CO2

  • AI
    The **RWS300B-36/CO2** is a high-reliability, single-output AC-DC switching power supply manufactured by TDK-Lambda. This specific model belongs to the RWS-B series, which is designed for industrial applications requiring long-term stability. --- ### 1. Key Technical Specifications The following table highlights the primary electronic characteristics of the unit: | Feature | Specification | | :--- | :--- | | **Input Voltage Range** | 85 - 265 VAC (Universal Input) | | **Output Voltage** | 36 VDC | | **Output Current** | 8.4 A | | **Output Power** | 302.4 W | | **Efficiency** | ~88% (at 200VAC input) | | **Cooling** | Built-in Internal Fan | | **Form Factor** | Enclosed / Chassis Mount | --- ### 2. Breakdown of Internal Electronic Components The RWS300B architecture relies on several critical stages to convert and regulate power: * **Input Filter Stage (EMI/EMC):** Contains X and Y capacitors and common-mode chokes to suppress electromagnetic interference and protect the unit from line surges. * **PFC Circuit (Power Factor Correction):** An active PFC circuit ensures high power factor (typically >0.95), reducing harmonic distortion and improving energy efficiency. * **Switching Topology:** Uses high-speed MOSFETs to convert DC voltage into high-frequency AC for the transformer. * **Isolation Transformer:** Provides galvanic isolation between the high-voltage AC input and the low-voltage DC output. * **Output Rectification & Filtering:** High-grade electrolytic capacitors (rated for 105°C) and Schottky diodes smooth the high-frequency pulses into a stable 36V DC signal. --- ### 3. Understanding the "/CO2" Suffix In TDK-Lambda nomenclature, the suffixes indicate specific modifications to the base model: 1. **CO2 (Coating):** This indicates that the internal Printed Circuit Boards (PCBs) are treated with a **Conformal Coating**. This chemical film protects the electronic components from moisture, dust, and environmental contaminants, making it suitable for harsh industrial environments. 2. **RWS-B Series Focus:** The "B" series is optimized for low-cost, high-reliability performance with a focus on reducing the number of components to improve MTBF (Mean Time Between Failures). --- ### 4. Protection Features The unit includes integrated circuitry to prevent damage to the connected load: * **Overcurrent Protection (OCP):** Shuts down or limits current if the load exceeds 105% of rated capacity. * **Overvoltage Protection (OVP):** Protects sensitive electronics if the output voltage spikes above ~41V. * **Thermal Protection:** Sensors monitor internal temperatures and will shut the unit down if the cooling fan fails or the ambient temperature exceeds safety limits.
    ✨ Follow-up Questions
    • ⤷ What is the operating temperature range for the RWS300B series?
    • ⤷ Can the 36V output be adjusted to a different voltage?
    • ⤷ What are the specific benefits of conformal coating in high-humidity environments?