Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • RWS600B-12/CO2

  • AI
    The **RWS600B-12/CO2** is a high-reliability, industrial-grade AC-DC power supply manufactured by TDK-Lambda. This specific model provides a 12V output with a 600W power rating. The `/CO2` suffix indicates a specific modification: **the PCB is treated with a conformal coating** for better environmental resistance. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Input Voltage** | 85 - 265 VAC (Universal Input) | | **Output Voltage** | 12 VDC | | **Max Output Current** | 50 A | | **Max Power** | 600 W | | **Efficiency** | ~86% (at 230VAC) | | **Cooling** | Internal Forced Air (Built-in Fan) | --- ### 2. Primary Electronic Components The internal architecture consists of several critical electronic stages: #### A. Input Filtering & Protection * **EMI Filter:** A combination of X and Y capacitors and common-mode chokes to suppress electromagnetic interference. * **Inrush Current Limiter:** Typically uses a thermistor or relay circuit to prevent large current spikes when the device is first plugged in. * **Fuse:** Provides overcurrent protection at the AC input. #### B. Power Factor Correction (PFC) Stage * **Active PFC Circuit:** Includes a boost converter (Inductor, MOSFET, and Diode) controlled by a PFC IC. This ensures the input current waveform follows the voltage waveform, keeping the Power Factor high (>0.9). #### C. DC-DC Converter Stage * **Switching Transistors:** High-speed MOSFETs or IGBTs that "chop" the high-voltage DC into high-frequency AC. * **Main Transformer:** Provides galvanic isolation and steps down the high-frequency AC voltage to the required 12V level. * **Secondary Rectifiers:** High-current Schottky diodes or synchronous rectification MOSFETs that convert the low-voltage AC back to stable DC. #### D. Control & Feedback * **Optoisolators:** These components bridge the primary and secondary sides to provide feedback to the PWM controller while maintaining electrical isolation. * **Potentiometer:** A small trimmer (VR1) allows the user to adjust the output voltage (typically ±10% to 15%). --- ### 3. Special Features (The "/CO2" Designation) The electronic assembly includes specific physical protections: * **Conformal Coating:** The printed circuit board (PCB) is coated with a thin layer of non-conductive material. This protects the sensitive electronic traces, solder joints, and component leads from: * **Moisture/Humidity:** Prevents corrosion and short circuits. * **Dust/Contaminants:** Essential for industrial environments where metallic dust might be present. * **Protection Circuits:** * **OVP (Over Voltage Protection):** Shuts down the unit if output exceeds ~13.8V - 16.8V. * **OCP (Over Current Protection):** Constant current limiting with automatic recovery. * **OTP (Over Temperature Protection):** Thermal sensors shut the unit down if internal temperatures exceed safe limits. --- ### 4. Terminal Configuration ```text [ L ] [ N ] [ FG ] - AC Input (Line, Neutral, Frame Ground) [ -V ] [ +V ] - 12V DC Output Terminals [ +S ] [ -S ] - Remote Sensing (Compensates for voltage drops in wiring) ```
    ✨ Follow-up Questions
    • ⤷What are the specific environmental ratings for the /CO2 conformal coating?
    • ⤷ How does the RWS600B-12 handle parallel operation for higher power needs?
    • ⤷ Can the fan speed be controlled based on load or temperature?