Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • RWS600B-48-R

  • AI
    The **RWS600B-48-R** is a high-reliability, industrial-grade AC-DC power supply manufactured by TDK-Lambda. It is part of the RWS-B series, designed for long life and efficiency. --- ### 1. Key Technical Specifications The "48" in the model number indicates the output voltage, and the "R" suffix typically denotes the Remote On/Off functionality. | Feature | Specification | | :--- | :--- | | **Input Voltage Range** | 85 - 265 VAC (Universal Input) | | **Output Voltage** | 48 VDC | | **Max Output Current** | 13.0 A | | **Max Output Power** | 624 W | | **Efficiency** | ~89% (Typical at 200VAC) | | **Cooling** | Internal forced air (Built-in Fan) | --- ### 2. Core Electronic Components & Architecture The RWS600B uses a modern switching power supply (SMPS) topology consisting of several critical stages: #### A. Input Filter & Protection * **EMI Filter:** A network of X/Y capacitors and common-mode chokes to reduce electromagnetic interference. * **Inrush Current Limiter:** Thermistors or resistors that prevent large current spikes when the device is first plugged in. * **Active PFC (Power Factor Correction):** Uses a boost converter circuit to ensure the power factor is high (typically >0.95), reducing harmonic distortion on the AC line. #### B. DC-DC Conversion Stage * **Switching MOSFETs:** High-speed transistors that chop the rectified DC voltage into high-frequency AC. * **High-Frequency Transformer:** Provides galvanic isolation between the primary (AC) and secondary (DC) sides while stepping down the voltage. * **Schottky/Fast Recovery Diodes:** Used on the output stage to rectify the high-frequency AC back into smooth 48V DC. #### C. Control and Monitoring * **PWM Controller IC:** The "brain" that regulates the output voltage by adjusting the duty cycle of the switching MOSFETs. * **Optoisolators:** Provide feedback from the 48V output back to the primary controller while maintaining electrical isolation. * **Remote On/Off Circuit ("-R" Option):** An auxiliary circuit that allows the user to enable or disable the main output using an external signal without disconnecting the AC power. --- ### 3. Protection Features The internal electronics are designed to shut down or limit power under the following conditions: * **Over Current Protection (OCP):** Constant current limiting with automatic recovery. * **Over Voltage Protection (OVP):** Shuts down the unit if the output exceeds approximately 55.2V – 64.8V. * **Over Temperature Protection (OTP):** Protects the internal semiconductors if the fan fails or the ambient temperature is too high. --- ### 4. Physical Layout * **Capacitors:** High-quality electrolytic capacitors rated for 105°C are used to ensure the 10-year design life. * **Terminal Block:** Heavy-duty screw terminals for high-current DC output. * **Potentiometer:** A small trimmer (V.ADJ) near the terminals allows for fine-tuning the 48V output (typically ±10%).
    ✨ Follow-up Questions
    • ⤷ How does the 'Remote On/Off' wiring differ from standard models?
    • ⤷ What is the expected MTBF (Mean Time Between Failures) for the RWS600B series?
    • ⤷ Can this power supply be connected in parallel for higher current requirements?