Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • RZF013P01

  • AI
    The **RZF013P01** is a small-signal P-channel MOSFET manufactured by ROHM Semiconductor. It is primarily designed for high-speed switching and power management in portable devices. --- ### ## 1. Key Specifications The following table highlights the fundamental electrical characteristics of the RZF013P01. | Parameter | Symbol | Value | Unit | | :--- | :--- | :--- | :--- | | **Drain-Source Voltage** | $V_{DSS}$ | -12 | V | | **Continuous Drain Current** | $I_D$ | -1.3 | A | | **Gate-Source Voltage** | $V_{GSS}$ | $\pm$10 | V | | **Static On-State Resistance** | $R_{DS(on)}$ | 150 (Typ.) | m$\Omega$ | | **Power Dissipation** | $P_D$ | 0.8 | W | | **Package Type** | SOT-323 | TUMT3 | - | --- ### ## 2. Core Features * **Low On-resistance:** It provides high efficiency by reducing energy loss during conduction. * **Low Voltage Drive:** The device can be driven by a low gate voltage (typically 1.5V to 2.5V), making it compatible with modern low-voltage microcontrollers and logic circuits. * **Small Package:** The SOT-323 (TUMT3) footprint is ideal for high-density circuit boards and compact consumer electronics. * **High-Speed Switching:** Designed for applications requiring fast transitions between ON and OFF states. --- ### ## 3. Pin Configuration The device uses a standard 3-pin configuration typical for SOT-323 packages: 1. **Gate (G):** Controls the switching of the MOSFET. 2. **Source (S):** The terminal where the majority of carriers enter the channel. 3. **Drain (D):** The terminal where the majority of carriers leave the channel. --- ### ## 4. Common Applications The RZF013P01 is commonly found in the following scenarios: * **Load Switching:** Turning power rails on/off in mobile phones or tablets. * **DC/DC Converters:** Used in the power stage for voltage regulation. * **Battery Management:** Protects batteries from over-discharge or serves as a charging switch. * **Portable Equipment:** Due to its small size and efficiency. --- ### ## 5. Circuit Symbol (P-Channel) ```text Drain (D) | ---| Gate(G)-|<- (Arrow points OUT for P-Channel) ---| | Source (S) ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum gate-source threshold voltage (Vgs(th)) for the RZF013P01?
    • ⤷ Can this MOSFET be used for PWM motor control in 5V systems?
    • ⤷ What are the recommended thermal management practices for the SOT-323 package?