Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • S-3223-R

  • AI
    The **S-3223-R** is a specific electronic component typically categorized as a **Surface Mount (SMD) Power Inductor**. These parts are essential in power management circuits for regulating voltage and filtering noise. --- ### 1. Key Technical Specifications The "R" suffix often indicates compliance with environmental standards or a specific orientation/packaging (like RoHS compliance or Tape & Reel). | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Shielded Surface Mount Power Inductor | | **Inductance Range** | Typically measured in microhenries (µH) | | **Mounting Type** | SMD/SMT (Surface Mount Technology) | | **Shielding** | Magnetically Shielded (reduces EMI) | | **Material** | Ferrite Core with Copper Winding | --- ### 2. Physical Construction The S-3223-R is designed for high-density PCB layouts. Its construction includes: * **Ferrite Drum Core:** Provides the necessary magnetic permeability to store energy. * **Magnetic Shielding:** An outer sleeve or resin that prevents the magnetic field from interfering with neighboring components. * **Solder Pads:** Located on the bottom of the component for reflow soldering. --- ### 3. Common Applications These inductors are found in devices where space is limited and power efficiency is critical: 1. **DC-DC Converters:** Used in "Buck" or "Boost" converters to step voltage up or down. 2. **Mobile Electronics:** Smartphones, tablets, and handheld consoles. 3. **Power Supplies:** Filtering high-frequency noise in switching power supplies. 4. **LED Drivers:** Regulating current for LED lighting systems. --- ### 4. Comparison Table: S-3223-R vs. Standard Inductors | Feature | S-3223-R (Shielded) | Non-Shielded Inductors | | :--- | :--- | :--- | | **EMI (Interference)** | Very Low | High | | **Size** | Compact/Profiled | Variable | | **Cost** | Slightly Higher | Low | | **Saturation Current** | High | High | --- ### 5. Identification Example When reading the part number: * **S:** Often stands for "Shielded." * **3223:** Usually refers to the physical dimensions (e.g., 3.2mm x 2.3mm). * **R:** Generally indicates **RoHS Compliant** or **Reel** packaging.
    ✨ Follow-up Questions
    • ⤷ What is the specific inductance value (uH) for your circuit requirement?
    • ⤷ Do you need the footprint dimensions for PCB layout design?
    • ⤷ Are you looking for equivalent cross-references from other manufacturers?