Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • S-A46-R

  • AI
    The **S-A46-R** is a specific electronic component, most commonly associated with **Reed Switches** or specialized **Magnetic Sensors** (often manufactured by companies like Standex Electronics or OKI). Below is a detailed breakdown of its electronic characteristics, construction, and typical use cases. --- ### 1. General Specifications The S-A46-R is typically a miniature, high-reliability reed switch or sensor. Its "R" suffix often indicates compliance with **RoHS** (Restriction of Hazardous Substances) standards. | Feature | Description | | :--- | :--- | | **Component Type** | Reed Switch / Magnetic Proximity Sensor | | **Contact Form** | Form A (Normally Open - SPST) | | **Contact Material** | Rhodium or Ruthenium (for high wear resistance) | | **Switching Voltage** | Usually up to 200V - 250V DC/AC | | **Switching Current** | Typically 0.5A to 1.0A | | **Glass Length** | Approx. 14mm - 16mm (Standard Miniature size) | --- ### 2. Internal Construction The device consists of two ferromagnetic blades (reeds) hermetically sealed within a glass envelope. * **Hermetic Seal:** The glass tube is filled with an inert gas (like Nitrogen) to prevent oxidation of the contacts, ensuring a long lifecycle (often millions of cycles). * **Plating:** The contact areas are plated with precious metals to maintain low contact resistance over time. * **Actuation:** The switch is "Passive." It does not require power to remain in its default state; it only reacts to the presence of a magnetic field (from a permanent magnet or an electromagnet). --- ### 3. Electrical Characteristics To integrate this part into a circuit, the following parameters are critical: 1. **Pull-In Range (AT):** Measured in Ampere-Turns. This defines the magnetic field strength required to close the contacts. 2. **Contact Resistance:** Typically very low (<150 mΩ) to ensure signal integrity. 3. **Insulation Resistance:** Usually very high (>10¹⁰ Ω), preventing leakage when the switch is open. 4. **Operating Time:** Extremely fast response, usually in the range of 0.5ms to 1.0ms. --- ### 4. Common Applications Due to its reliability and isolation from the environment, the S-A46-R is used in: * **Security Systems:** Door and window sensors. * **Industrial Sensing:** Liquid level sensing (inside floats) and limit switching. * **Automotive:** Brake fluid level sensors or seatbelt buckle detection. * **Medical Devices:** Non-contact switching in sterile environments. --- ### 5. Simple Circuit Example When using an S-A46-R with a microcontroller (like an Arduino), a pull-up resistor is required. ```cpp // Example: Detecting if the S-A46-R is closed const int reedPin = 2; // Connected to one side of the S-A46-R void setup() { pinMode(reedPin, INPUT_PULLUP); // Use internal pull-up Serial.begin(9600); } void loop() { int state = digitalRead(reedPin); if (state == LOW) { Serial.println("Magnet Detected: Switch Closed"); } delay(100); } ```
    ✨ Follow-up Questions
    • ⤷ What is the specific Pull-In (AT) range for the S-A46-R?
    • ⤷ Can this component be used for switching high-inductive AC loads?
    • ⤷ What are the physical dimensions of the S-A46-R glass envelope?