Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • S-D56-R

  • AI
    The **S-D56-R** is a specific model of a **7-Segment LED Display**. These components are widely used in electronic devices to display numerical data and a limited set of characters. --- ### 1. General Specifications The S-D56-R follows standard industry naming conventions where the "56" usually refers to the character height (0.56 inches) and "R" signifies the color (Red). | Feature | Specification (Typical) | | :--- | :--- | | **Type** | 7-Segment LED Display | | **Digit Count** | Single Digit | | **Character Height** | 0.56 inches (14.22 mm) | | **Emitting Color** | Red | | **Polarity** | Common Anode (CA) or Common Cathode (CC)* | | **Forward Voltage ($V_f$)** | 1.8V to 2.2V | | **Forward Current ($I_f$)** | 20mA per segment | *\*Note: Most "S-D56" models are Common Anode, but always verify the specific datasheet for the "R" suffix variant.* --- ### 2. Internal Pinout Structure A 7-segment display consists of 8 LEDs in total (7 for the digit segments A-G and 1 for the Decimal Point). #### Segment Layout ```text A --- F | | B -G- E | | C --- . DP D ``` #### Common Configurations 1. **Common Anode (CA):** All positive terminals (anodes) are tied to a single pin. You apply ground (GND) to the individual segment pins to turn them on. 2. **Common Cathode (CC):** All negative terminals (cathodes) are tied to a single pin. You apply positive voltage (VCC) to the individual segment pins to turn them on. --- ### 3. Circuit Integration Example To use the S-D56-R with a microcontroller (like an Arduino), you must use current-limiting resistors to prevent burning out the LEDs. **Basic Connection Logic:** ```cpp // Example: Turning on Segment A (Common Cathode) digitalWrite(pinCommon, LOW); // Connect to Ground digitalWrite(pinA, HIGH); // Send 5V through a 220-ohm resistor ``` **Required Components for Driving:** * **Resistors:** Usually $220\Omega$ to $330\Omega$ for each segment. * **Driver IC (Optional):** Use a **74HC595** shift register or a **MAX7219** to save microcontroller pins. --- ### 4. Typical Applications * **Digital Clocks:** Displaying hours and minutes. * **Industrial Panels:** Temperature readings or pressure levels. * **Household Appliances:** Microwave timers or oven temperatures. * **Counters:** Production line counting or queue systems.
    ✨ Follow-up Questions
    • ⤷How do I identify if my S-D56-R is Common Anode or Common Cathode using a multimeter?
    • ⤷ What is the calculation for the current-limiting resistor needed for this display?
    • ⤷ Can I drive multiple S-D56-R displays using multiplexing?