Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • S-F3-R2

  • AI
    The **S-F3-R2** generally refers to a specific configuration of a **3-Phase Rectifier Bridge Module** (often associated with brands like SanRex or generic industrial power components). These modules are designed to convert Three-Phase Alternating Current (AC) into Direct Current (DC). --- ### 1. Key Internal Components The "S-F3-R2" designation identifies a module containing high-power semiconductor diodes. | Component | Description | Function | | :--- | :--- | :--- | | **Diodes** | Usually 6 power diodes arranged in a bridge. | Allows current to flow in only one direction. | | **Isolation Layer** | Ceramic (Alumina or AlN) baseplate. | Provides electrical insulation while conducting heat to the sink. | | **Terminals** | Heavy-duty screw or solder pins. | Input for AC phases (L1, L2, L3) and DC output (+, -). | --- ### 2. Technical Specifications (General Typical Values) While specific ratings depend on the manufacturer, the "F3" series typically adheres to these standards: * **Circuit Configuration:** 3-Phase Bridge (Full Wave). * **Repetitive Peak Reverse Voltage ($V_{RRM}$):** Often rated at 800V to 1600V. * **Average Rectified Forward Current ($I_{O}$):** Usually ranges from 30A to 150A depending on cooling. * **Junction Temperature ($T_{j}$):** Up to 150°C. --- ### 3. Circuit Operation The module operates by taking three sinusoidal waves shifted by 120 degrees and routing the peaks to the DC output. ```mermaid graph LR A[AC Phase 1] --> D[S-F3-R2 Bridge] B[AC Phase 2] --> D C[AC Phase 3] --> D D --> E[DC Positive +] D --> F[DC Negative -] ``` ### 4. Applications The S-F3-R2 is a "workhorse" component found in industrial environments: 1. **Inverter Drives (VFDs):** Converts grid AC to DC for the internal bus. 2. **Battery Chargers:** High-capacity industrial charging stations. 3. **DC Power Supplies:** Used in plating or welding equipment. 4. **Renewable Energy:** Rectifying output from wind turbines. --- ### 5. Installation Precautions * **Thermal Paste:** Always apply a thin layer of thermal grease between the module base and the heatsink. * **Torque:** Follow specific torque requirements for terminals to prevent arcing or overheating. * **Snubber Circuits:** It is recommended to use an RC snubber circuit across the AC inputs to protect against voltage spikes.
    ✨ Follow-up Questions
    • ⤷ What are the specific voltage and amperage ratings for the SanRex S-F3-R2?
    • ⤷ How do I test if an S-F3-R2 module is faulty using a multimeter?
    • ⤷ What is the difference between an S-F3-R2 and a Thyristor-based module?