Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • S-RJ01-C

  • AI
    ## Overview of S-RJ01-C The **S-RJ01-C** is a high-performance **RJ45 SFP (Small Form-factor Pluggable) copper transceiver module**. It is primarily manufactured by MikroTik but follows industry standards that allow it to be compatible with most SFP ports on networking equipment like switches and routers. Its primary function is to convert an **SFP port** (which usually takes fiber) into a **standard 10/100/1000Mbps Ethernet copper port**. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Connector Type** | RJ45 | | **Data Rate** | 10/100/1000 Mbps (Tri-speed) | | **Max Cable Distance** | Up to 100 meters | | **Cable Type** | Cat5e / Cat6 / Cat6a | | **Form Factor** | SFP (Small Form-factor Pluggable) | | **Operating Temperature** | 0°C to +85°C | | **Power Consumption** | Low (Optimized for high-density switches) | --- ### 2. Electronic Components & Internal Architecture The S-RJ01-C is a complex miniaturized electronic system. Below are the core internal components: * **PHY Chip (Physical Layer Transceiver):** The "brain" of the module. It handles the conversion between the digital signals from the switch's SFP interface and the analog signals required for the copper twisted-pair cable. * **Isolation Transformer (Magnetics):** Located near the RJ45 opening, this component provides galvanic isolation, protecting the switch's internal circuitry from electrical surges and static electricity on the Ethernet cable. * **EEPROM:** A small memory chip that stores identifying information (Vendor name, Part number, Serial number). This allows the host device to recognize the module via the **I2C interface**. * **Voltage Regulators:** Converts the 3.3V supplied by the SFP slot into the specific voltages required by the internal PHY chip. --- ### 3. Interface Details The S-RJ01-C interacts with the host device through a **20-pin gold-finger connector**. Key electrical signals include: 1. **High-Speed Differential Pairs:** Used for transmitting (TX+/-) and receiving (RX+/-) data at gigabit speeds. 2. **I2C Management Interface (SDA/SCL):** Used by the switch to read the EEPROM data and monitor the status of the module. 3. **Module Present (Mod_ABS):** A pin grounded by the module to let the switch know an SFP has been inserted. 4. **RX_LOS (Loss of Signal):** Indicates if there is no valid incoming signal from the copper cable. --- ### 4. Benefits and Use Cases * **Port Flexibility:** Allows network administrators to use fiber-only switches with standard Ethernet cables. * **Cost-Effective:** Often cheaper than buying dedicated copper switches if you only need a few extra RJ45 ports. * **Hot-Swappable:** Can be inserted or removed without powering down the networking equipment.
    ✨ Follow-up Questions
    • ⤷ What is the power consumption difference between the S-RJ01-C and a standard fiber SFP?
    • ⤷ Is the S-RJ01-C compatible with 10G SFP+ ports?
    • ⤷ Does this module support Digital Diagnostic Monitoring (DDM)?