Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • S-RXX

  • AI
    The **S-RXX** series generally refers to a range of **low-power RF (Radio Frequency) modules** used for wireless data transmission, most commonly operating in the Sub-1GHz bands (such as 315MHz or 433MHz). Below is a breakdown of the electronic components, architecture, and specifications typical of these modules. --- ### 1. Core Component Categories The module is typically composed of a transmitter (TX) and a receiver (RX) pair. | Component Type | Description | Common Example | | :--- | :--- | :--- | | **RF IC / Chipset** | The "brain" that handles modulation and frequency generation. | SYN115, CMT2110, or EV1527 | | **Crystal Oscillator** | Provides the precise clock frequency for stable RF transmission. | 13.560MHz or 6.7458MHz | | **SAW Filter** | (Surface Acoustic Wave) Filters out noise and unwanted frequencies. | R433 / R315 | | **Passive Components** | SMT Resistors and Capacitors used for impedance matching. | 0402 or 0603 packages | | **Inductors** | Used in the LC tank circuit for the antenna output. | Air-core or Multilayer inductors | --- ### 2. Functional Architecture The electronics are divided into three main stages: #### A. The Modulation Stage Most S-RXX modules use **ASK (Amplitude Shift Keying)** or **OOK (On-Off Keying)**. * **How it works:** The module represents a binary "1" by sending a carrier wave and a binary "0" by turning the wave off. This is energy-efficient but prone to interference. #### B. The Power Amplifier (PA) For the transmitter (S-RTX), a small internal amplifier boosts the signal before it reaches the antenna. This determines the "Range" (the 'R' in S-RXX). #### C. The Superheterodyne/Super-regenerative Circuit * **Super-regenerative:** Simple, low cost, but less stable (tuned via a variable inductor). * **Superheterodyne:** High stability, better sensitivity, and uses a dedicated receiver IC to down-convert the signal to an Intermediate Frequency (IF). --- ### 3. Technical Specifications Table | Feature | Typical Value | | :--- | :--- | | **Operating Voltage** | 1.8V - 3.6V (Low Power) or 5V | | **Operating Current** | 10mA - 15mA (Transmitting) / < 5mA (Receiving) | | **Frequency Range** | 315MHz / 433.92MHz / 868MHz / 915MHz | | **Data Rate** | 0.5 to 10 Kbps | | **Sensitivity** | -105dBm to -112dBm | --- ### 4. Pin Configuration (Common Layout) Most S-RXX modules use a 4-pin or 3-pin interface: 1. **VCC:** Power Supply. 2. **GND:** Ground. 3. **DATA / ADAT:** The input (for TX) or output (for RX) digital signal. 4. **ANT:** Solder point for a 1/4 wave length wire antenna. --- ### 5. Common Applications * **Remote Keyless Entry (RKE):** Garage door openers and car remotes. * **Wireless Sensors:** Simple temperature or humidity sensors reporting to a hub. * **Smart Home:** Wireless doorbells and lighting controls. * **Industrial:** Short-range telemetry and data logging.
    ✨ Follow-up Questions
    • ⤷ What is the difference between ASK and FSK modulation in these modules?
    • ⤷ How do I calculate the ideal antenna length for a 433MHz S-RXX module?
    • ⤷ Can these modules be used directly with an Arduino or ESP32?