Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • S01-R

  • AI
    The **S01-R** is a high-performance, programmable logic controller (PLC) or specialized automation module frequently used in industrial networking and control systems. Below is an overview of its electronic components, specifications, and architecture. --- ### 1. Core Electronic Specifications The S01-R is designed for reliability in harsh industrial environments. Its internal circuitry focuses on power stability and signal integrity. | Component Category | Description/Specification | | :--- | :--- | | **Processor** | High-speed 32-bit ARM-based microcontroller for real-time logic processing. | | **Power Supply** | Typically 24V DC input with integrated overvoltage and reverse polarity protection. | | **I/O Isolation** | Optocoupler isolation (typically up to 2.5kV) to protect internal logic from external surges. | | **Memory** | Non-volatile Flash memory for program storage and SRAM for runtime variables. | | **Communication Chips** | Dedicated RS485/RS232 transceivers or Ethernet PHY (depending on the specific sub-model). | --- ### 2. Key Internal Components #### A. Power Regulation Circuitry The device utilizes **Buck Converters** (Step-down regulators) to convert the 24V industrial standard down to 5V or 3.3V required by the logic chips. It includes filtering capacitors to minimize electromagnetic interference (EMI). #### B. Input/Output (I/O) Stage * **Digital Inputs:** Use voltage dividers and optoisolators to sense high/low signals safely. * **Relay/Transistor Outputs:** The "R" in S01-R often denotes a **Relay Output** version. This utilizes miniature electromagnetic relays to switch higher current loads (AC/DC) compared to transistor versions. #### C. Communication Interface It usually features a standard **DB9 connector** or pluggable terminal blocks. The electronic parts here include: * **Termination Resistors:** To prevent signal reflection in long-distance RS485 wiring. * **TVS Diodes:** For Transient Voltage Suppression against static discharge (ESD). --- ### 3. Physical Layout and Indicators The PCB is typically housed in a DIN-rail mountable plastic enclosure. The visible electronic indicators include: * **LED Status Matrix:** Small Surface Mount Device (SMD) LEDs indicating Power (PWR), Run (RUN), and Error (ERR) states. * **DIP Switches:** Used for hardware configuration, such as setting the Modbus ID or baud rate without software. * **Terminal Blocks:** Screw or spring-type connectors for secure physical wiring to the electronic internals. --- ### 4. Technical Summary | Feature | Detail | | :--- | :--- | | **Mounting** | 35mm DIN Rail | | **Cooling** | Passive (Ventilation slots in housing) | | **Protection Rating** | IP20 (Standard for cabinet-mounted electronics) |
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching current for the relay outputs in the S01-R?
    • ⤷ Does the S01-R support Modbus TCP or only Serial RTU protocols?
    • ⤷ How do I wire a 2-wire sensor to the S01-R input stage?