Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • S02-02-R

  • AI
    Based on typical electronic component naming conventions, the **S02-02-R** is most commonly associated with **Surface Mount (SMT) Spring Shields** or **Battery Contacts** manufactured by companies like Harwin or other hardware specialists. These parts are designed for automated assembly and are crucial for EMI/RFI shielding or power connectivity. --- ### 1. Technical Specifications The "S02-02-R" usually refers to a specific size and configuration of a surface-mount RFI shield clip or a small spring contact. | Feature | Description | | :--- | :--- | | **Component Type** | RFI Shield Clip / Spring Contact | | **Mounting Style** | Surface Mount Technology (SMT) | | **Material** | Beryllium Copper or Phosphor Bronze | | **Plating** | Tin or Gold (depending on specific sub-series) | | **Packaging** | Tape and Reel (indicated by the "-R" suffix) | --- ### 2. Key Electronic Functions #### A. RFI/EMI Shielding In modern electronics (like smartphones or IoT devices), internal circuits are sensitive to electromagnetic interference. The S02-02-R acts as a "clip" that holds a metal shield can in place without needing to solder the can directly to the PCB. * **Advantage:** Allows for easy removal of the shield for rework or testing. #### B. Grounding and Earthing It serves as a low-resistance path between a PCB and another conductive surface (like a metal chassis or another PCB). This prevents static buildup and reduces noise. #### C. Power/Signal Interface When used as a spring contact, it provides a physical interface for: * Antenna connections. * Battery terminal contacts. * Data transfer between two stacked boards. --- ### 3. Application Areas * **Mobile Devices:** Connecting antennas to the mainboard. * **Consumer Electronics:** Providing grounding for displays and cameras. * **Automotive:** Vibration-resistant connections in sensor modules. * **Industrial:** Modular PCB stacking where rigid connectors are too bulky. --- ### 4. Manufacturing Advantages The **-R** suffix is critical for high-volume manufacturing: 1. **Automated Placement:** The part is delivered in **Tape and Reel** format, compatible with high-speed Pick-and-Place machines. 2. **Reflow Soldering:** The base material is designed to withstand standard lead-free reflow temperature profiles (approx. 260°C).
    ✨ Follow-up Questions
    • ⤷What are the specific dimensions of the S02-02-R clip?
    • ⤷ How does a shield clip compare to a direct-solder shield can?
    • ⤷ Which manufacturers produce equivalents to the S02-02-R?