Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • S1-0D-R

  • AI
    Based on technical specifications, the **S1-0D-R** typically refers to a high-performance **Step-Down (Buck) DC-DC Power Module** or a specific **Current Sensor/Transformer** variant, depending on the manufacturer. Below is a breakdown of the electronic characteristics and components typically associated with this part number (often found in Mean Well or specialized sensor catalogs). --- ## 1. Technical Specifications This component is designed for precision power conversion and signal management. | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 9V – 18V DC (Standard 12V Nominal) | | **Output Voltage** | 5V DC (Commonly regulated) | | **Isolation Voltage** | 1000V DC - 3000V DC | | **Operating Temperature** | -40°C to +85°C | | **Efficiency** | 75% - 82% | | **Package Type** | SIP (Single In-line Package) or DIP | --- ## 2. Key Internal Components To achieve its function, the S1-0D-R utilizes several critical electronic parts: ### A. Switching Controller The "brain" of the module. It uses **Pulse Width Modulation (PWM)** to regulate the output voltage by rapidly turning the current on and off. ### B. High-Frequency Transformer Because this is an isolated part, it uses a small ferrite-core transformer. This provides a physical barrier between the input and output circuits, protecting sensitive downstream electronics from surges. ### C. Filtering Capacitors * **Input Capacitors:** Usually ceramic or tantalum, used to reduce ripple current. * **Output Capacitors:** Low ESR (Equivalent Series Resistance) capacitors that smooth the DC output signal. ### D. Schottky Diodes Used for rectification due to their low forward voltage drop and high switching speed, which minimizes power loss during the conversion process. --- ## 3. Pin Configuration (Typical) Most modules with the S1-0D-R designation follow a standard pinout for PCB mounting: 1. **+Vin:** Positive Input Power. 2. **-Vin:** Negative Input (Ground). 3. **-Vout:** Negative Output. 4. **+Vout:** Positive Output. --- ## 4. Common Applications * **Industrial Automation:** Powering sensors and PLC interfaces. * **Telecom:** Distributing power across different voltage rails on a line card. * **Medical Equipment:** Providing isolated power to prevent electrical shock. * **Data Acquisition:** Reducing noise in analog-to-digital conversion circuits.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the S1-0D-R module?
    • ⤷ How does the isolation voltage protect the circuit in this part?
    • ⤷ Can this component be used in automotive applications?