Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • S1S1Z1-R

  • AI
    The **S1S1Z1-R** is a high-performance, precision **Current Sensor** (often categorized as a Hall Effect Current Transducer) manufactured primarily by **LEM**. These sensors are designed for the non-intrusive measurement of DC, AC, and pulsed currents in industrial environments. ### 1. Key Technical Specifications Below are the typical specifications for the S1S1Z1-R series: | Parameter | Specification | | :--- | :--- | | **Technology** | Closed-loop Hall Effect | | **Measurement Range** | Varies by model (e.g., 100A to 500A) | | **Output Type** | Instantaneous Analog (Current or Voltage) | | **Power Supply** | Usually Bipolar (±12V to ±15V DC) | | **Accuracy** | High precision (typically < 0.5%) | | **Bandwidth** | DC to >100 kHz | | **Isolation Voltage** | Up to 3kV - 6kV (Safety Isolation) | --- ### 2. Operational Components The "Electronic Parts" within an S1S1Z1-R assembly consist of several integrated stages that allow it to convert high-power magnetic fields into manageable electronic signals: 1. **Magnetic Core:** A high-permeability ring (toroid) that gathers the magnetic flux generated by the primary conductor passing through the center. 2. **Hall Effect Generator:** A small semiconductor placed in the air gap of the magnetic core. It detects the density of the magnetic flux. 3. **Error Amplifier:** An internal operational amplifier that processes the signal from the Hall element. 4. **Secondary Compensation Coil:** In "closed-loop" models, this coil generates an opposing magnetic field to nullify the flux in the core. The current required to maintain this "zero flux" state is the output signal, ensuring extreme linearity. 5. **Termination Resistor:** Often used at the output to convert the secondary current into a readable voltage for a microcontroller or PLC. --- ### 3. Connection and Pinout (Typical) While specific pinouts depend on the physical housing (PCB mount vs. Panel mount), the standard electronic interface follows this logic: ```markdown Pin 1: +Vc (Positive Supply, e.g., +15V) Pin 2: -Vc (Negative Supply, e.g., -15V) Pin 3: M (Output / Measurement Signal) Pin 4: 0V (Common/Ground) ``` --- ### 4. Application Use-Cases The S1S1Z1-R is commonly found in specialized power electronics such as: * **Variable Frequency Drives (VFDs):** Monitoring motor current for torque control. * **Uninterruptible Power Supplies (UPS):** Managing battery charging and discharge cycles. * **Solar Inverters:** Ensuring DC to AC conversion efficiency. * **Welding Equipment:** Maintaining stable arc currents. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between open-loop and closed-loop current sensors?
    • ⤷ How do I calculate the burden resistor for this sensor?
    • ⤷ What are the common failure modes of Hall Effect sensors?