Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • S1Z1-R

  • AI
    ## Overview of S1Z1-R The **S1Z1-R** is an electronic component primarily categorized as a **Surface Mount (SMD) Zener Diode**. It is designed for voltage regulation, transient suppression, and circuit protection within compact electronic assemblies. --- ### 1. Technical Specifications The S1Z1-R is typically housed in a small, low-profile package (often SMA/DO-214AC or similar SOD packages depending on the specific manufacturer). | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Zener Diode | | **Zener Voltage ($V_z$)** | ~100V (depending on series coding) | | **Power Dissipation ($P_d$)** | 1.0 Watt | | **Package Type** | SMA (DO-214AC) | | **Mounting Type** | Surface Mount (SMD) | | **Operating Temperature** | -55°C to +150°C | --- ### 2. Key Functions The S1Z1-R serves several critical roles in a PCB design: 1. **Voltage Regulation:** It maintains a fixed output voltage by allowing current to flow in reverse when the "Zener Voltage" is reached. 2. **Overvoltage Protection:** It clamps voltage spikes to prevent damage to sensitive downstream components like microcontrollers or ICs. 3. **Clipping Circuits:** Used to shape waveforms by removing portions of signals that exceed the Zener threshold. --- ### 3. Electronic Characteristics * **Reverse Leakage Current:** It has a very low leakage current until the breakdown voltage is reached, ensuring high efficiency. * **Sharp Breakdown:** The "knee" of the V-I curve is sharp, providing precise voltage control. * **Thermal Stability:** Designed to handle heat dissipation effectively in a small footprint, though proper copper pad sizing on the PCB is required. --- ### 4. Typical Applications * Power supplies and AC/DC converters. * Communication equipment protection. * Automotive electronic control units (ECUs). * Consumer electronics (tablets, chargers, and smart home devices). ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between S1Z1-R and a standard S1M diode?
    • ⤷ How do I calculate the series resistor needed for an S1Z1-R circuit?
    • ⤷ What are the common alternatives or equivalents for the S1Z1-R?