Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • S3JB

  • AI
    ## Overview of the S3JB Diode The **S3JB** is a high-efficiency, surface-mount power rectifier diode. It belongs to the **S3x series** (S3AB through S3MB) and is specifically designed for general-purpose rectification in power supplies, converters, and freewheeling applications. --- ### 1. Key Technical Specifications The electrical characteristics of the S3JB define its performance limits. Below are the primary parameters: | Parameter | Value | Unit | | :--- | :--- | :--- | | **Maximum Repetitive Reverse Voltage ($V_{RRM}$)** | 100 | Volts | | **Maximum RMS Voltage ($V_{RMS}$)** | 70 | Volts | | **Maximum DC Blocking Voltage ($V_{DC}$)** | 100 | Volts | | **Average Forward Rectified Current ($I_{F(AV)}$)** | 3.0 | Amperes | | **Peak Forward Surge Current ($I_{FSM}$)** | 100 | Amperes | | **Maximum Forward Voltage Drop ($V_F$)** | 1.15 | Volts | | **Operating Temperature Range ($T_J$)** | -55 to +150 | °C | --- ### 2. Physical Construction and Package The S3JB typically uses the **SMB (DO-214AA)** package. This package is popular due to its low profile and compatibility with automated placement equipment. * **Case Material:** Molded plastic, UL Flammability Classification 94V-0. * **Terminals:** Solderable per MIL-STD-750. * **Polarity:** Color band denotes the cathode end. * **Mounting Position:** Any. --- ### 3. Features and Advantages * **High Current Capability:** Despite its small footprint, it can handle up to 3 Amps of continuous current. * **Low Forward Voltage Drop:** Minimizes power loss and heat generation during conduction. * **High Surge Capacity:** Capable of handling 100A non-repetitive peak surges (8.3ms single half sine-wave). * **Glass Passivated Chip Junction:** Enhances reliability and stability under high-temperature conditions. --- ### 4. Typical Applications The S3JB is commonly integrated into the following circuits: 1. **AC-to-DC Rectification:** Used in bridge rectifiers for wall adapters and power bricks. 2. **Reverse Polarity Protection:** Prevents damage if a battery or power source is connected backwards. 3. **Freewheeling Diodes:** Used in inductive load switching (motors, relays) to suppress voltage spikes. 4. **DC-DC Converters:** Acts as a steering or rectification element in buck/boost converters. --- ### 5. Identification Logic The "S3JB" part number follows a standard industry naming convention: * **S3:** Indicates the 3.0 Amp current rating. * **J:** Indicates the Voltage rating (J = 100V). * **B:** Typically refers to the **SMB** package style. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between S3JB and S3MB diodes?
    • ⤷ Can the S3JB be used in high-frequency switching power supplies?
    • ⤷ What are the thermal resistance considerations for the SMB package?