Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • S5-R

  • AI
    The **S5-R** typically refers to a high-performance electronic speed controller (ESC) or a specific sensor/module variant used in robotics and RC (Remote Control) racing. Below is a breakdown of the core electronic components and specifications usually associated with S5-R series hardware. --- ### 1. Core Electronic Components The S5-R architecture is designed for high-current handling and precise signal processing. | Component | Function | Description | | :--- | :--- | :--- | | **MOSFETs** | Power Switching | High-efficiency Metal-Oxide-Semiconductor Field-Effect Transistors that handle the main current flow to the motor. | | **MCU** | Logic Control | A 32-bit microprocessor (often ARM-based) that processes throttle inputs and manages motor timing. | | **BEC** | Voltage Regulation | The Battery Eliminator Circuit, which steps down main battery voltage to power the receiver and servos (usually 6V/7.4V). | | **Capacitor Bank** | Noise Filtering | External or internal electrolytic capacitors that absorb voltage spikes and protect the ESC from "ripple current." | --- ### 2. Technical Specifications Most S5-R electronic modules (specifically ESCs) follow these general performance parameters: * **Input Voltage:** 2S - 4S LiPo (7.4V - 14.8V). * **Continuous Current:** 120A to 160A (depending on the specific revision). * **Peak Current:** Can exceed 700A for short bursts. * **Sensor Interface:** Supports "Sensored" brushless motors for smooth low-end torque. --- ### 3. Key Electronic Features #### A. Data Logging The S5-R electronics often include an onboard flash memory module. This allows the user to record: * Maximum Temperature * Minimum Voltage (Voltage sag) * Maximum RPM #### B. Programming Interface The unit typically features a **UART** or **I2C** communication port. This allows the device to connect to: 1. LCD Program Boxes. 2. WiFi/Bluetooth modules for smartphone tuning. 3. PC software for firmware updates. #### C. Thermal Protection Built-in **NTC Thermistors** monitor the heat of the MOSFET board. If the temperature exceeds a predefined threshold (usually 105°C), the MCU triggers a "Thermal Cut-off" to prevent the silicon from melting. --- ### 4. Wiring Diagram Overview ```cpp // Typical Connectivity Map [Battery + / -] --> [Capacitor Pack] --> [S5-R Main Board] | [Signal Wire (PWM)] <-------------------|--- [Receiver] | [Phase A, B, C] ----------------------->|--- [Brushless Motor] | [Sensor Cable] <------------------------|--- [Motor Hall Sensors] ``` ---
    ✨ Follow-up Questions
    • ⤷What is the maximum voltage input for the S5-R ESC?
    • ⤷ How do you calibrate the throttle on an S5-R module?
    • ⤷ Does the S5-R support firmware updates via USB?