Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • S5-R36-NP

  • AI
    The **S5-R36-NP** is a specific model of an **Inductive Proximity Sensor**, typically used in industrial automation for non-contact metal detection. Below is a breakdown of its electronic components, specifications, and operational logic. --- ### 1. Key Technical Specifications The model name follows a standard nomenclature for industrial sensors. Here is the technical breakdown: | Parameter | Specification | Details | | :--- | :--- | :--- | | **Sensing Distance** | 5mm | The "S5" typically denotes a 5mm range. | | **Housing Type** | M18 or M12 Cylindrical | Standard threaded metal body (Nickel-plated brass). | | **Output Type** | **NPN** | Sinks current (Connects the load to the negative rail). | | **Output State** | **Normal Open (NO)** | The "NP" suffix often implies NPN - Normally Open. | | **Operating Voltage** | 10-30V DC | Standard low-voltage industrial DC power. | | **Switching Frequency** | Up to 1000 Hz | High-speed detection capability. | --- ### 2. Internal Electronic Components An inductive proximity sensor like the S5-R36-NP consists of four main stages: 1. **Oscillator (LC Circuit):** Uses a coil and capacitor to generate a high-frequency electromagnetic field that emanates from the sensing face. 2. **Schmitt Trigger:** Monitors the amplitude of the oscillations. When a metallic object enters the field, eddy currents are induced in the object, dampening the oscillation. The trigger detects this drop. 3. **Amplifier:** Boosts the weak signal from the trigger to a level capable of driving the output transistor. 4. **Output Transistor (NPN):** Acts as the solid-state switch. In an **NPN** configuration, when an object is detected, the transistor closes the circuit between the Black (Signal) wire and the Blue (Negative/Ground) wire. --- ### 3. Wiring Diagram (Color Coding) Standard industrial color coding applies to this device: | Wire Color | Function | Description | | :--- | :--- | :--- | | **Brown** | **+VCC** | Positive supply (10-30V DC). | | **Blue** | **GND** | Negative supply (0V). | | **Black** | **Output** | Signal wire. In NPN-NO, this pulls to GND when activated. | --- ### 4. Application Logic (NPN NO) ```markdown [ Metal Object ] ----> [ Sensor Detects ] ----> [ Transistor Conducts ] | (Black wire connects to Blue) | [ Load (PLC/Relay) Activates ] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between NPN and PNP wiring for this sensor?
    • ⤷ Can the S5-R36-NP detect non-metallic objects like plastic or glass?
    • ⤷ What is the maximum current capacity for the output transistor in this model?