Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • S5-R39-NP

  • AI
    The **S5-R39-NP** refers to a specific series of high-performance proximity sensors, typically manufactured by brands like **Datasensor (Datalogic)**. These sensors are widely used in industrial automation for non-contact object detection. --- ### 1. Technical Specifications The "S5" series generally encompasses M18 cylindrical sensors. Below are the electronic and physical characteristics specific to this model: | Feature | Specification | | :--- | :--- | | **Housing Style** | M18 (18mm diameter) cylindrical | | **Sensing Type** | Retro-reflective (requires a reflector) | | **Operating Voltage** | 10 - 30 VDC | | **Output Type** | NPN (Negative-Positive-Negative) | | **Output Logic** | NO/NC (Normally Open / Normally Closed) selectable | | **Connection Type** | 4-wire cable (standard) or M12 connector | | **Sensing Distance** | Typically up to 3 - 4 meters (with reflector) | | **Protection Class** | IP67 (dust tight and water resistant) | --- ### 2. Internal Electronic Components The device is composed of several critical electronic sub-systems that allow it to function: 1. **Emitter (Infrared/Visible LED):** * Generates a light beam (usually red or infrared). In the "R" (Retro-reflective) version, this beam is sent toward a reflector. 2. **Receiver (Phototransistor/Photodiode):** * Captures the reflected light. If an object interrupts the beam, the receiver detects the drop in light intensity. 3. **Signal Processing ASIC:** * An integrated circuit that filters out ambient light noise and amplifies the signal from the receiver. 4. **NPN Output Transistor:** * Acts as a solid-state switch. When triggered, it pulls the load signal to the **negative (OV)** rail. 5. **Protection Circuitry:** * Includes reverse polarity protection and short-circuit protection to prevent damage during installation errors. --- ### 3. Wiring Diagram (Electronic Logic) Since this is an **NPN** sensor, the load must be connected between the Positive supply and the Output wire. ```text [ + VDC ] (Brown) -----------+ | [LOAD] | [ Output] (Black) -----------+ [ - VDC ] (Blue) -----------+ ``` --- ### 4. Common Applications * **Conveyor Systems:** Counting boxes or detecting the presence of packages. * **Packaging Machinery:** Monitoring film tension or position. * **Automated Gates:** Detecting the passage of a vehicle or person.
    ✨ Follow-up Questions
    • ⤷ What is the difference between NPN and PNP output in the S5 series?
    • ⤷ How do I align the S5-R39-NP with its reflector for maximum distance?
    • ⤷ Can this sensor detect transparent objects like glass?