Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • S5ABC

  • AI
    The **S5ABC** is a specific marking code typically associated with a surface-mount (SMD) **Schottky Barrier Rectifier**. These components are widely used in power management circuits due to their high efficiency and fast switching capabilities. --- ## 1. Component Overview The S5ABC series belongs to the family of power diodes. The "S5" generally denotes a **5-Ampere** current rating, while the suffix indicates the voltage threshold and package type. ### Key Specifications | Parameter | Typical Value | | :--- | :--- | | **Component Type** | Schottky Barrier Rectifier | | **Forward Current ($I_F$)** | 5.0 Amperes | | **Repetitive Peak Reverse Voltage ($V_{RRM}$)** | 50V to 100V (depending on sub-variant) | | **Forward Voltage Drop ($V_F$)** | Low (typically 0.55V - 0.70V) | | **Package Type** | SMC (DO-214AB) or SMB (DO-214AA) | | **Operating Temperature** | -55°C to +150°C | --- ## 2. Internal Construction As a **Schottky Diode**, the S5ABC differs from standard PN-junction diodes: * **Metal-Semiconductor Junction:** Instead of a P-type semiconductor, it uses a metal contact (like platinum or tungsten) bonded to an N-type silicon. * **Majority Carrier Device:** This construction allows for extremely fast recovery times because there is no "reverse recovery charge" associated with minority carriers. --- ## 3. Typical Applications The S5ABC is designed for high-frequency applications where energy loss must be minimized. 1. **DC-DC Converters:** Used as a "freewheeling diode" to provide a path for inductor current when the switch is off. 2. **Polarity Protection:** Protects sensitive electronics from damage if a battery or power supply is connected backward. 3. **AC-DC Rectification:** Used in low-voltage secondary side rectification for switching power supplies (SMPS). 4. **Solar Panels:** Often used as bypass diodes to prevent hot-spot heating in shaded cells. --- ## 4. Advantages and Limitations ### Advantages * **High Efficiency:** The low forward voltage drop reduces power dissipation (heat). * **Fast Switching:** Capable of handling high-frequency signals with minimal lag. * **Compact Footprint:** The SMD package is ideal for automated PCB assembly. ### Limitations * **Reverse Leakage:** Schottky diodes have higher reverse leakage current than standard diodes, which increases with temperature. * **Voltage Limits:** Generally limited to lower voltage applications (usually under 200V). ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between S5ABC and a standard 1N4007 diode?
    • ⤷ How do I calculate the power dissipation of an S5ABC in my circuit?
    • ⤷ Can S5ABC be used in high-voltage AC rectification?