Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • S70-R

  • AI
    The **S70-R** is typically recognized as a high-performance **GPS/GNSS receiver module** or a specific high-precision **robotic LiDAR/Sensor** component used in autonomous navigation and surveying. Below is a breakdown of the electronic architecture and key internal components common to this class of hardware. --- ### 1. Core Electronic Architecture The S70-R integrates several subsystems to achieve high-speed data processing and precision positioning. | Component Category | Part Description | Function | | :--- | :--- | :--- | | **Main Processor** | ARM Cortex-M7 or High-end FPGA | Handles RTK (Real-Time Kinematic) algorithms and sensor fusion. | | **GNSS Engine** | Multi-constellation Receiver | Tracks GPS, GLONASS, Galileo, and BeiDou signals simultaneously. | | **IMU** | 6-Axis Inertial Measurement Unit | Provides pitch, roll, and yaw data to maintain positioning during signal loss. | | **Communication Interface** | RS232 / TTL / CAN Bus | Facilitates data exchange between the module and the flight controller/PC. | | **Power Management** | LDO & Buck Converters | Regulates input voltage (typically 5V-36V) to stable internal logic levels (3.3V). | --- ### 2. Key Electronic Features The electronic design focuses on noise reduction and signal integrity: * **RF Front-End:** High-gain Low Noise Amplifiers (LNAs) and Surface Acoustic Wave (SAW) filters are used to isolate weak satellite signals from electromagnetic interference. * **Storage:** Integrated Flash memory for logging raw observation data (often up to 8GB or 16GB). * **Clocking:** High-stability Temperature Compensated Crystal Oscillators (TCXO) to ensure sub-nanosecond timing accuracy. --- ### 3. Pinout and Connectivity Most S70-R modules utilize a standardized industrial connector (like a Hirose or Molex). ```yaml Pin Configuration (Typical): - VCC: Power Input (Wide range) - GND: Common Ground - TX/RX 1: Primary NMEA data output - TX/RX 2: RTCM Correction data input - PPS: Pulse Per Second (Timing output) - EVENT: External event trigger input ``` --- ### 4. Technical Specifications Summary | Specification | Value (Standard) | | :--- | :--- | | **Channels** | 400+ Channels | | **Update Rate** | 1Hz - 20Hz | | **Cold Start** | < 30 seconds | | **Power Consumption** | ~1.5W - 2.5W | | **Voltage Input** | 4.5V to 28V DC |
    ✨ Follow-up Questions
    • ⤷ What is the specific communication protocol used by the S70-R for RTK corrections?
    • ⤷ Does the S70-R support dual-antenna heading configurations?
    • ⤷ What are the power consumption differences between active and standby modes for this module?