Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • S80JSJS1

  • AI
    The **S80JSJS1** (often associated with high-power industrial power supplies, specifically the **S80J series** from manufacturers like Omron) refers to a specific configuration of a switching mode power supply. These units are designed for industrial automation, providing stable DC voltage from an AC input. Below is a breakdown of the electronic components and structural features of this type of unit. --- ## 1. Core Electronic Components The S80JSJS1 functions as a **Switching Mode Power Supply (SMPS)**. Its internal architecture consists of several key stages: ### A. Input Stage (AC to DC) | Component | Function | | :--- | :--- | | **Bridge Rectifier** | Converts the incoming AC (e.g., 100-240V) into a pulsating DC voltage. | | **Filter Capacitors** | Large electrolytic capacitors that smooth the pulsating DC into a high-voltage DC bus. | | **Varistor (MOV)** | Provides surge protection against voltage spikes from the main power line. | ### B. Switching & Transformation | Component | Function | | :--- | :--- | | **MOSFET / IGBT** | High-speed transistors that "switch" the DC bus on and off at high frequencies (kHz). | | **High-Frequency Transformer** | Steps down the high-voltage switched DC to the required output level while providing galvanic isolation. | | **PWM Controller IC** | The "brain" that modulates the pulse width to maintain a steady output voltage regardless of load changes. | ### C. Output Stage (DC to DC) | Component | Function | | :--- | :--- | | **Schottky Diodes** | Rectify the high-frequency AC from the transformer back into DC. | | **Inductors & Capacitors** | Form an LC filter to remove high-frequency noise and provide ripple-free output. | | **Feedback Optocoupler** | Sends a signal back to the PWM controller to adjust the voltage, ensuring safety through isolation. | --- ## 2. Technical Specifications (Typical) While specifications can vary based on the specific sub-model, the S80J series generally follows these parameters: | Parameter | Range/Value | | :--- | :--- | | **Input Voltage** | 100V to 240V AC (Universal) | | **Output Voltage** | Typically 24V DC (Standard for Industrial PLC/Sensors) | | **Power Rating** | Varies by model (e.g., 300W - 600W) | | **Efficiency** | > 80% | | **Cooling** | Forced air (Internal Fan) or Convection depending on wattage | --- ## 3. Physical Features & Indicators 1. **Terminal Block:** Heavy-duty screw terminals for Input (L, N, Ground) and Output (+V, -V). 2. **Voltage Adjustment (V.ADJ):** A small potentiometer (trimmer) that allows the user to fine-tune the output voltage (e.g., 23V to 28V). 3. **LED Indicator:** A green "DC ON" LED that indicates the unit is functioning correctly. 4. **Protection Circuits:** Built-in Overload Protection (OLP) and Overvoltage Protection (OVP) to prevent damage to connected electronic parts. ---
    ✨ Follow-up Questions
    • ⤷ What are the common failure points in the S80J series power supplies?
    • ⤷ How do I adjust the output voltage using the V.ADJ potentiometer?
    • ⤷ What is the difference between the S80J and newer S8VK series?