Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SA2U1-B2S4-R

  • AI
    The **SA2U1-B2S4-R** is a specific model of an **Industrial Ethernet Switch** or **I/O Module** (often associated with industrial networking brands like ORing or similar automation hardware). It is designed to facilitate robust data communication in harsh environments. --- ### 1. Key Technical Specifications Below is a breakdown of the electronic and mechanical characteristics typically found in this series: | Feature | Specification | |:---|:---| | **Interface Type** | 4-Port Fast Ethernet (RJ45) + 2-Port SFP/Fiber Uplink | | **Input Power** | Dual 12 ~ 48VDC Redundant Power Inputs | | **Housing** | IP-30 Slim type Metal Housing | | **Installation** | DIN-Rail or Wall Mount | | **Operating Temp** | -40°C to 75°C (Wide Temperature range) | | **Protection** | Reverse Polarity and Overload Current Protection | --- ### 2. Component Breakdown The internal electronic architecture focuses on high reliability and signal integrity: #### A. Power Management System * **Redundant Terminal Block:** Designed with dual inputs so that if one power source fails, the device continues to operate without packet loss. * **Protection Circuitry:** Includes TVS (Transient Voltage Suppressors) to guard against power surges and ESD (Electrostatic Discharge). #### B. Networking & Processing * **Switching Fabric:** High-speed internal bus that manages data frames between ports using "Store-and-Forward" technology. * **Auto-MDI/MDI-X:** The ports automatically detect cable types (straight-through or crossover), simplifying the physical layer connection. #### C. Fiber/SFP Support * The "B2S4" designation often indicates the port configuration (e.g., 2 SFP slots for long-distance fiber runs and 4 Copper RJ45 ports for local device connection). --- ### 3. Industrial Standards Compliance The electronics are engineered to meet strict regulatory requirements: 1. **EMI/EMC:** High resistance to electromagnetic interference, crucial in factories with heavy machinery. 2. **Shock/Vibration:** Tested according to IEC 60068-2-27 and 60068-2-6 standards. 3. **Efficiency:** Often features "Green Ethernet" (IEEE 802.3az) to reduce power consumption during periods of low data activity. --- ### 4. Typical Application Diagram ```mermaid graph LR A[PLC/Controller] --- B[SA2U1-B2S4-R] C[HMI Panel] --- B D[IP Camera] --- B B --- E((Fiber Backbone)) ```
    ✨ Follow-up Questions
    • ⤷What is the maximum data transfer rate for the SFP ports on this model?
    • ⤷ Does this model support Power over Ethernet (PoE) for connected devices?
    • ⤷ How do I configure the redundant power supply for high-availability setups?