Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SB1260-R-

  • AI
    The **SB1260-R** is a high-performance Schottky Barrier Rectifier diode. It is primarily used in power management applications where high efficiency and low power loss are critical requirements. --- ### ## Technical Specifications The following table summarizes the key electrical characteristics of the SB1260-R: | Parameter | Symbol | Value | Unit | | :--- | :--- | :--- | :--- | | **Maximum Repetitive Peak Reverse Voltage** | $V_{RRM}$ | 60 | V | | **Maximum Average Forward Rectified Current** | $I_{F(AV)}$ | 12 | A | | **Peak Forward Surge Current (8.3ms half sine-wave)** | $I_{FSM}$ | 150 | A | | **Maximum Forward Voltage Drop (at 12A)** | $V_F$ | 0.70 | V | | **Operating Junction Temperature Range** | $T_J$ | -55 to +150 | °C | | **Package Type** | - | TO-220AC | - | --- ### ## Key Features The SB1260-R is designed with specific physical and chemical properties to optimize performance in industrial circuits: 1. **Low Forward Voltage Drop:** This minimizes power dissipation, which increases the overall efficiency of the power supply. 2. **High Current Capability:** Capable of handling up to 12 Amps, making it suitable for medium to high power applications. 3. **Fast Switching Speed:** As a Schottky diode, it has negligible reverse recovery time compared to standard PN junction diodes. 4. **Guard Ring Protection:** Many "R" suffix variants include a guard ring for overvoltage protection and increased durability against transient spikes. --- ### ## Common Applications Due to its high efficiency and thermal stability, the SB1260-R is frequently found in: * **Switching Mode Power Supplies (SMPS):** Used for output rectification. * **DC-DC Converters:** Acts as a freewheeling diode. * **Solar Panels:** Used as a blocking diode to prevent reverse current flow. * **Battery Chargers:** Efficiently manages high-current charging paths. --- ### ## Implementation Note When integrating the SB1260-R into a PCB design, ensure adequate **heatsinking**. While the TO-220AC package is efficient at dissipating heat, drawing the full 12A of current without a heat sink can lead to thermal runaway and component failure.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the SB1260-R and a standard silicon diode?
    • ⤷ Can the SB1260-R be used in AC-to-DC bridge rectifiers?
    • ⤷ What are the thermal resistance values for the TO-220AC package in this model?